Electronic Components Datasheet Search
  English  ▼

X  

ES6128 Datasheet(PDF) 6 Page - ESS Technology,Inc

Part # ES6128
Description  Vibratto-S DVD Processor Product Brief
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES6128 Datasheet(HTML) 6 Page - ESS Technology,Inc

Back Button ES6128 Datasheet HTML 2Page - ESS Technology,Inc ES6128 Datasheet HTML 3Page - ESS Technology,Inc ES6128 Datasheet HTML 4Page - ESS Technology,Inc ES6128 Datasheet HTML 5Page - ESS Technology,Inc ES6128 Datasheet HTML 6Page - ESS Technology,Inc ES6128 Datasheet HTML 7Page - ESS Technology,Inc ES6128 Datasheet HTML 8Page - ESS Technology,Inc ES6128 Datasheet HTML 9Page - ESS Technology,Inc ES6128 Datasheet HTML 10Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
SAM0481B-052705
ESS Technology, Inc.
ES6128 PRODUCT BRIEF
ES6128 PIN DESCRIPTION
ADVSS
112
G
Analog ground for video DAC.
YDAC
113
O
Video DAC output. Refer to description and matrix for UDAC pin 106.
YUV5
O
YUV pixel 5 output data
PIXOUT5
O
CCIR656 output pixel 5.
VDAC
114
O
Video DAC output. Refer to description and matrix for UDAC pin 106.
YUV6
O
YUV pixel 6 output data.
PIXOUT6
O
CCIR656 output pixel 6.
FDAC
115
O
Video DAC output. Refer to description and matrix for UDAC pin 106.
YUV7
O
YUV pixel 7 output data.
PIXOUT7
O
CCIR656 output pixel 7.
PCLK2XSCN
116
I/O
27-MHz video output pixel clock.
CAMIN4
I
Camera YUV 4.
PIXIN4
I
CCIR656 input pixel 4.
PCLKQSCN
117
O
13.5-MHz video output pixel clock.
AUX3[2]
I/O
Aux3 data I/O; (5V tolerant input).
CAMIN5
I
Camera YUV 5.
PIXIN5
I
CCIR656 input pixel 5.
VSYNC#
118
I/O
Vertical sync; (5V tolerant input).
AUX3[1]
I/O
Aux3 data I/O; (5V tolerant input).
CAMIN6
I
Camera YUV 6.
PIXIN6
I
CCIR656 input pixel 6.
HSYNC#
119
I/O
Horizontal sync; (5V tolerant input).
AUX3[0]
I/O
Aux3 data I/O; (5V tolerant input).
CAMIN7
I
Camera YUV 7.
PIXIN7
I
CCIR656 input pixel 7.
HD[5:0]
122-127
I/O
Host data bus lines; (5V tolerant input).
DCI[5:0]
I/O
DVD channel data I/O; (5V tolerant input).
AUX1[5:0]
I/O
Aux1 data I/O; (5V tolerant input).
HD6
128
I/O
Host data bus line; (5V tolerant input).
DCI6
I/O
DVD channel data I/O; (5V tolerant input).
AUX1[6]
I/O
Aux1 data I/O; (5V tolerant input).
VFD_DOUT
I
VFD data output.
HD7
131
I/O
Host data bus line; (5V tolerant input).
DCI7
I/O
DVD channel data I/O; (5V tolerant input).
AUX1[7]
I/O
Aux1 data I/O; (5V tolerant input).
VFD_DIN
I
VFD data input.
Table 1
ES6128 Pin Description (Continued)
Name
Pin Numbers
I/O
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com