Electronic Components Datasheet Search
  English  ▼

X  

ES6128FF Datasheet(PDF) 7 Page - ESS Technology,Inc

Part # ES6128FF
Description  Vibratto-S DVD Processor Product Brief
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES6128FF Datasheet(HTML) 7 Page - ESS Technology,Inc

Back Button ES6128FF Datasheet HTML 2Page - ESS Technology,Inc ES6128FF Datasheet HTML 3Page - ESS Technology,Inc ES6128FF Datasheet HTML 4Page - ESS Technology,Inc ES6128FF Datasheet HTML 5Page - ESS Technology,Inc ES6128FF Datasheet HTML 6Page - ESS Technology,Inc ES6128FF Datasheet HTML 7Page - ESS Technology,Inc ES6128FF Datasheet HTML 8Page - ESS Technology,Inc ES6128FF Datasheet HTML 9Page - ESS Technology,Inc ES6128FF Datasheet HTML 10Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ESS Technology, Inc.
SAM0481B-052705
7
ES6128 PRODUCT BRIEF
ES6128 PIN DESCRIPTION
HD8
132
I/O
Host data bus line; (5V tolerant input).
DCI_FDS#
I/O
DVD input sector start; (5V tolerant input).
AUX2[0]
I/O
Aux2 data I/O; (5V tolerant input).
VFD_CLK
I
VFD clock input.
HD9
133
I/O
Host data bus line; (5V tolerant input).
AUX2[1]
I/O
Aux2 data I/O; (5V tolerant input).
HD10
134
I/O
Host data bus line; (5V tolerant input).
AUX2[2]
I/O
Aux2 data I/O; (5V tolerant input).
HD11
135
I/O
Host data bus line; (5V tolerant input).
AUX2[3]
I/O
Aux2 data I/O; (5V tolerant input).
IRQ
O
IRQ.
HD12
136
I/O
Host data bus line; (5V tolerant input).
AUX2[4]
I/O
Aux2 data I/O; (5V tolerant input).
C2PO
I
C2PO error correction flag from CD-ROM; (5V tolerant input).
HD13
137
I/O
Host data bus line; (5V tolerant input).
AUX2[5]
I/O
Aux2 data I/O; (5V tolerant input).
SP
I
16550 UART serial port input.
HD14
140
I/O
Host data bus line; (5V tolerant input).
AUX2[6]
I/O
Aux2 data I/O; (5V tolerant input).
HD15
141
I/O
Host data bus line; (5V tolerant input).
AUX2[7]
I/O
Aux2 data I/O; (5V tolerant input).
IR
I
IR remote control input; (5V tolerant input).
HWRQ#
142
O
Host write request.
DCI_REQ#
O
DVD control interface request.
AUX4[1]
I/O
Aux4 data I/O; (5V tolerant input).
HRRQ#
143
O
Host read request.
AUX4[0]
I/O
Aux4 data I/O; (5V tolerant input).
CAMIN2
I
Camera YUV 2.
PIXIN2
I
CCIR656 input pixel 2.
HIRQ
144
I/O
Host interrupt.
DCI_ERR#
I/O
DVD channel data error; (5V tolerant input).
AUX4[7]
I/O
Aux4 data I/O; (5V tolerant input).
HRST#
145
OHost reset.
AUX3[5]
I/O
Aux3 data I/O; (5V tolerant input).
HIORDY
146
I
Host I/O ready.
AUX3[3]
I/O
Aux3 data I/O; (5V tolerant input).
Table 1
ES6128 Pin Description (Continued)
Name
Pin Numbers
I/O
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com