Electronic Components Datasheet Search
  English  ▼

X  

SLC810 Datasheet(PDF) 1 Page - Solid State Inc

Part # SLC810
Description  High Isolation Voltage (4000VRMS)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

SLC810 Datasheet(HTML) 1 Page - Solid State Inc

  SLC810 Datasheet HTML 1Page - Solid State Inc SLC810 Datasheet HTML 2Page - Solid State Inc SLC810 Datasheet HTML 3Page - Solid State Inc SLC810 Datasheet HTML 4Page - Solid State Inc SLC810 Datasheet HTML 5Page - Solid State Inc SLC810 Datasheet HTML 6Page - Solid State Inc SLC810 Datasheet HTML 7Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SLC810
Single Channel
Linear Optocoupler
© 2012 Solid State Optronics • San Jośe, CA
www.ssousa.com • +1.408.293.4600
SLC810/S/TR
Rev 2.00 (07/30/2012)
001508
Page 1 of 7
Description
The SLC810 is a highly advanced linear optocoupler
device. The product takes advantage of tightly matched
transistors used for both a Servo Feedback Loop and a
Forward Output Loop.
The closely matched transistors
provide a high degree of linearity across a wide range of
input signal variation. With a minimum internal isolation
gap exceeding 0.40mm, the SLC810 offers a high isolation
voltage making it an ideal product for transformer
replacement in many medical, industrial and power supply
isolation circuits.
The SLC810 comes standard in a miniature 8 pin DIP
package.
Schematic Diagram
Agency Approvals
UL / C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Power Supply Feedback
Transformer Replacement
Audio Signal Interface
Digital Telephone Isolation
Medical Sensor Isolation
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …………………………-40 to +85°C
Continuous Input Current………………………………..40mA
Transient Input Current ………………….……………..400mA
Reverse Input Control Voltage …………..…………………6V
Input Power Dissipation…………………………………40mW
Output Power Dissipation ……………………………..800mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
SLC810
8 pin DIP, (50/Tube)
SLC810-S
8 pin SMD, (50/Tube)
SLC810-STR
8 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
High Isolation Voltage (4000VRMS)
Low Input Power Consumption
High Servo Linearity Across Temperature
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
4
2
3
1
5
7
6
8
-LED
+ LED
+VCC1
I1
Not Used
Not Used
+VCC2
I2
SLC810


Similar Part No. - SLC810

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SLC810 SSOUSA-SLC810 Datasheet
219Kb / 7P
Linear Optocoupler
More results

Similar Description - SLC810

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2801-1-F3-A CEL-PS2801-1-F3-A Datasheet
251Kb / 17P
HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
December 2008
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Solid State Optronic
AD6C211-L SSOUSA-AD6C211-L_15 Datasheet
309Kb / 9P
High Isolation Voltage (3750VRMS)
STZ8042 SSOUSA-STZ8042 Datasheet
400Kb / 9P
High Isolation Voltage
TD3082 SSOUSA-TD3082 Datasheet
436Kb / 9P
High Isolation Voltage
logo
Micross Components
MYXDB0650-10CEN MICROSS-MYXDB0650-10CEN Datasheet
319Kb / 3P
High voltage 650V isolation
logo
Analog Technologies, In...
AT202JN ANALOGTECHNOLOGIES-AT202JN Datasheet
269Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
AT5005 ANALOGTECHNOLOGIES-AT5005 Datasheet
286Kb / 3P
High Voltage Isolation Amplifier
7/5/2021
ATIA202KY ANALOGTECHNOLOGIES-ATIA202KY Datasheet
258Kb / 5P
High Voltage Isolation Amplifier
4/15/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com