Electronic Components Datasheet Search
  English  ▼

X  

MAX11041 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX11041
Description  Wired Remote Controllers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11041 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX11041 Datasheet HTML 1Page - Maxim Integrated Products MAX11041 Datasheet HTML 2Page - Maxim Integrated Products MAX11041 Datasheet HTML 3Page - Maxim Integrated Products MAX11041 Datasheet HTML 4Page - Maxim Integrated Products MAX11041 Datasheet HTML 5Page - Maxim Integrated Products MAX11041 Datasheet HTML 6Page - Maxim Integrated Products MAX11041 Datasheet HTML 7Page - Maxim Integrated Products MAX11041 Datasheet HTML 8Page - Maxim Integrated Products MAX11041 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Wired Remote Controllers
10ms/div
VSENSE
INT
MAX11041/42 TOC01
µP READS FIFO
DEBOUNCED KEY
ADDED TO FIFO
DEBOUNCE SCOPE SHOT (FALLING)
10ms/div
VSENSE
INT
MAX11041/42 TOC02
µP READS
FIFO
DEBOUNCE KEY ADDED
TO FIFO
DEBOUNCE SCOPE SHOT (RISING)
10ms/div
VSENSE
INT
MAX11041/42 TOC03
µP READS
FIFO
DEBOUNCE KEY ADDED
TO FIFO
KEYPRESS RELEASE SCOPE SHOT*
4.0
5.0
4.5
6.0
5.5
6.5
7.0
1.6
2.6
2.1
3.1
3.6
VDD SUPPLY CURRENT vs. VOLTAGE
VDD (V)
NO JACK INSERTED
TA = +85
°C
TA = +25
°C
TA = -40
°C
1.00
0.75
0.50
0.25
0
1.6
2.6
2.1
3.1
3.6
VDD SHUTDOWN SUPPLY CURRENT
vs. VOLTAGE
VDD (V)
NO JACK INSERTED
TA = +85
°C
TA = -40
°C
TA = +25
°C
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
____________________________________________________________________________________
5
*Oscilloscope shots are taken with simulated bounce and chatter. Real switches will exhibit different bounce and chatter characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com