Electronic Components Datasheet Search
  English  ▼

X  

ADS8519IB Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS8519IB
Description  16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8519IB Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS8519IB Datasheet HTML 17Page - Texas Instruments ADS8519IB Datasheet HTML 18Page - Texas Instruments ADS8519IB Datasheet HTML 19Page - Texas Instruments ADS8519IB Datasheet HTML 20Page - Texas Instruments ADS8519IB Datasheet HTML 21Page - Texas Instruments ADS8519IB Datasheet HTML 22Page - Texas Instruments ADS8519IB Datasheet HTML 23Page - Texas Instruments ADS8519IB Datasheet HTML 24Page - Texas Instruments ADS8519IB Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
www.ti.com
Input Range
±10 V
± 5 V
Without Trim
With Trim
(Adjust Gain)
+
+
+
+
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
VIN
2.2
µF
2.2
µF
2.2
µF
+5 V
50 k
Ω
576 k
Ω
2.2
µF
+
+
VIN
VIN
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
+5 V
+
+
2.2
µF
2.2
µF
576 k
Ω
50 k
Ω
VIN
2.2
µF
2.2
µF
ADS8519
SLAS462 – JUNE 2007
Figure 26. Offset/Gain Circuits for Bipolar Input Ranges
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
ADS8519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com