Electronic Components Datasheet Search
  English  ▼

X  

ADIS16100PCB Datasheet(PDF) 1 Page - Analog Devices

Part # ADIS16100PCB
Description  iSensor??PC Evaluation System
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16100PCB Datasheet(HTML) 1 Page - Analog Devices

  ADIS16100PCB Datasheet HTML 1Page - Analog Devices ADIS16100PCB Datasheet HTML 2Page - Analog Devices ADIS16100PCB Datasheet HTML 3Page - Analog Devices ADIS16100PCB Datasheet HTML 4Page - Analog Devices ADIS16100PCB Datasheet HTML 5Page - Analog Devices ADIS16100PCB Datasheet HTML 6Page - Analog Devices ADIS16100PCB Datasheet HTML 7Page - Analog Devices ADIS16100PCB Datasheet HTML 8Page - Analog Devices ADIS16100PCB Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
iSensor™ PC Evaluation System
Preliminary Technical Data
ADISEVAL
Rev. Pr.A,
8/10/06
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2006 Analog Devices, Inc. All rights reserved.
GENERAL DESCRIPTION
The ADIS/EVAL is a PC-based evaluation system for all of the
SPI-output iSensor™ products. It is designed to work with
each product’s evaluation board and comes with a Parallel
Interface Board, parallel interface cable, 2 12-pin ribbon cables
for evaluation board (ADIS16XXX/PCBZ) attachment, and the
i
Sensor™ CD. The iSensor™ CD contains the iSensor
Evaluation Software, along with all of the documentation for
each iSensor product.
GETTING STARTED
Getting started with this system requires four simple steps.
1.
Connect J2 of the Parallel Interface Board (see Figure 1) to
the appropriate power supply, using Table 1. For simplicity,
Pins 1 and 4 can be tied together and Pins 2 and 3 can be
tied together. Set the voltage on the power supply per
Table 2.
Table 1 – Power Supply Hook-up – J2
Pin Number
Function
1
Digital I/O Power Supply
2
Common
3
Common
4
Sensor Power Supply
NOTE: No reverse polarity protection provided.
Table 2- Power Supply Voltages
Evaluation Board
Power Supply Voltage
ADIS16003/PCBZ
+3.0 to +5.25V
ADIS16006/PCBZ
+3.0 to +5.25V
ADIS16080/PCBZ
+4.75 to +5.25V
ADIS16100/PCB
+4.75 to +5.25V
ADIS16201/PCBZ
+3.0 to +3.6V
ADIS16203/PCBZ
+3.0 to +3.6V
ADIS16250/PCBZ
+4.75 to +5.25V
2.
Using Figure 2 as a guide, install the appropriate
ADIS16XXX/PCBZ evaluation board on the Parallel
Interface Board. Four 2mm mounting holes are provided
for secure mechanical attachment and the 2 12-pin ribbon
cables are for the necessary electrical connections. These
cables are already installed on J3 and J4 of the Parallel
Interface Board and need to be connected to J1 and J2 of
the ADIS16XXX/PCBZ. Make sure that these cables are
seated correctly on each header. Misalignment can result
in damage to the sensor.
3.
Hook up the system to a PC using the parallel cable
provided.
4.
Place the iSensor™ CD into the PC’s CD drive and review
the ReadMeFirst.PDF file. Then install the software per
the instructions in this file.
SOFTWARE OPERATION
The iSensor™ Evaluation Software installation will provide
options for evaluating a number of products. Using the
Windows Start button, select Programs, then select Analog
Devices iSensor™, then select the product that is being
evaluated. The first time the software is started, the interface
will need to be set up per the ReadMeFirst.PDF file.
The software contains help files that describe each function of
the software. The right button on the mouse has the ability to
speed up changes when the Pointer is placed over titles, graph
axes and waveform data.
See Figure 4 (ADIS16003, ADIS16006), Figure 5 (ADIS16080,
ADIS16100), Figure 6 (ADIS16201), Figure 7 (ADIS16203), and
Figure 8 (ADIS16250) for basic software assistance.
ORDERING GUIDE
Model
Package Description
ADISEVAL
i
Sensor™ PC Evaluation System


Similar Part No. - ADIS16100PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16100PCB AD-ADIS16100PCB Datasheet
1Mb / 15P
iSensor PC-USB Evaluation System
Rev. PrA
More results

Similar Description - ADIS16100PCB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT5794ES EXAR-XRT5794ES Datasheet
1Mb / 11P
Evaluation System
logo
Maxim Integrated Produc...
MAX9723D MAXIM-MAX9723D Datasheet
298Kb / 10P
MAX9723D Evaluation Kit/Evaluation System
19-0662; Rev 0; 11/06
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
Evaluation System/Evaluation Kit
Rev 1; 3/07
MAX11600 MAXIM-MAX11600_10 Datasheet
5Mb / 36P
Evaluation System
Rev 0; 3/10
logo
Analog Devices
ADISUSBZ AD-ADISUSBZ Datasheet
1Mb / 15P
iSensor PC-USB Evaluation System
Rev. PrA
logo
Maxim Integrated Produc...
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
MAX5661EVKIT MAXIM-MAX5661EVKIT Datasheet
306Kb / 13P
MAX5661 Evaluation Kit/Evaluation System
Rev 0; 3/09
MAX6960EVKIT MAXIM-MAX6960EVKIT Datasheet
1Mb / 24P
MAX6960 Evaluation Kit/Evaluation System
Rev 0; 10/05
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
Evaluation System/Evaluation Kit
Rev 2; 3/21
MAX17823HEVKIT MAXIM-MAX17823HEVKIT Datasheet
1Mb / 40P
Evaluation System
Rev 1; 5/19
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com