Electronic Components Datasheet Search
  English  ▼

X  

CF1156 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # CF1156
Description  Melody LSIs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF1156 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  CF1156 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF1156 Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CF1156 series
SEIKO NPC CORPORATION —3
SPECIFICATIONS
Absolute Maximum Ratings
Electrical Characteristics
Ta = 25
°C, VSS = 0V, VDD = 3.0V
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD − VSS
−0.3 to 5.0
V
Input voltage range
VIN
VSS − 0.2 to VDD + 0.2
V
Operating temperature range
Topr
−20 to 80
°C
Storage temperature range
Tstg
−65 to 150
°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Operating voltage
VDD
2.0
3.0
3.6
V
Current consumption1
1. Measurement circuit
IDD1
Non-play mode
–
0.01
0.6
µA
Current consumption2
2. Measurement circuit
IDD2
Melody modes: BO, LO open
–
100
200
µA
LH, OSH LOW-level input voltage
VIL
––
VSS + 0.2
V
LH, OSH HIGH-level input voltage
VIH
VDD – 0.2
–
–
V
LH, OSH LOW-level input current
IIL
VIL = 0.8V
0.7
9.0
18
µA
LH, OSH HIGH-level input current
IIH
VIH = 3.0V
0.7
9.0
18
µA
BO LOW-level output current
IOL1
VOL = 1.0V
4.0
–
–
mA
BO HIGH-level output current
IOH1
VOH = 2.0V
4.0
–
–
mA
LO LOW-level output current
IOL2
VOL = 1.0V
10
–
–
mA
LO HIGH-level output current
IOH2
VOH = 2.0V
8
–
–
mA
TO oscillator frequency
fOSC
35
50
65
kHz
TO oscillator start voltage
VDOB
–
–
2.0
V
TO oscillator stop voltage
VDOS
–
–
2.0
V
VDD
VSS
A
3.0V
VDD
LH
VSS
A
3.0V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com