Electronic Components Datasheet Search
  English  ▼

X  

304 Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # 304
Description  Percentage Timer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

304 Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  304 Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 304 Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Percentage Timer
MODELS
304E plug-in
Choice of three:
304E non-plug-in
304C non-plug-in
RANGES
15 SEC @ 60 cycles (18 SEC @ 50 cycles)
Choice of three
30 SEC @ 60 cycles (36 SEC @ 50 cycles)
standard ranges.
60 SEC @ 60 cycles (72 SEC @ 50 cycles)
REPEAT ACCURACY
± 0.1%
DIAL CALIBRATION
5 to 95% on time, in 1% graduations.
FULL ON, FULL OFF FEATURE. When
pointer is set below 3%, load switch
contacts are open continuously, above
98%,contacts are closed continuously.
LOAD SWITCH
One SPST(quick make, quick break)
switch with self-cleaning heavy-duty
silver contacts.
CONTACT RATINGS
304C
25A at 120 VAC
20A at 240 VAC
304E
15A at 120 or 10A at
240 VAC plug-in unit.
Non-plug-in unit same as 304C
POWER REQUIREMENTS 120 or 240V, 50/60 Hz; 50 mA
running current.
TERMINALS
4 screw terminals accessible at rear;
wiring diagram on housing.
TEMPERATURE RATING 32° to 120°F (0°to 50°C)
WEIGHT
NET: 1 lb., 2 oz. SHIPPING: 1 lb., 7 oz.
SPECIFICATIONS
OPERATION
Easily the most rugged and dependable of industrial percentage
timers, the ATC 304 incorporates heavy-duty contacts that are capable
of switching loads as large as 4.6 KW directly.
LARGE CONTACTS: Self-cleaning silver contacts are 3/8 inch in
diameter, larger than in any other make of percentage timer. They
easily provide 1,000,000 operations at the full rated load of 25 A
(non plug-in models).
RUGGED AND TROUBLE-FREE: Every component of the 304 has been
refined and improved over the years to provide dependable operation
for at least 3,000,000 cycles. Its classic simplicity of design makes it
virtually trouble-free.
CONVENIENT ADJUSTMENT: Graduated in easily read 1% increments,
the 304 provides continuous adjustment of on time between 5 and
95%. It also switches the load off continuously when the pointer is set
below 3%; and on continuously, when the pointer is set above 98%.
The 304 is available in a choice of 15, 30 and 60-second time
cycles (60 Hz). Its synchronous motor drives a cam which repeat-
edly closes the SPST load switch for a percentage of the time
cycle, as set on the timer dial, and opens it for the remainder of
the cycle.
When the dial pointer is set below 3%, the load switch stays open
for the full cycle; it remains closed when the pointer is set above
98%. An optional Hold switch also disconnects power to the timer
motor when the pointer is set below 3%.
Series 304 timers operate continuously and do not reset on
power interruption; when power is restored, they resume the
interrupted cycle.
TYPICAL APPLICATIONS: Ideal for controlling wattage input to
electrically heated equipment, the 304 non-plug-in models can
pulse loads up to 4.6 KW directly through the SPST load switch;
the plug-in models can switch up to 2.3 KW loads directly.
The 304 can be used with other types of electrical equipment to
control the ratio of on time and off time in a fixed time cycle. In
many types of ratio and cascade control systems, the 304
provides rate-of-rise set point drive control; special dial
calibrations are available for this application.
E24305
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - 304

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
304 ENERCON-304 Datasheet
882Kb / 2P
Compact, Portable Military Fast Ethernet Switch
Jan 25, 2020
logo
PANAVISE PRODUCTS, INC.
304 PANAVISE-304 Datasheet
1Mb / 8P
Precision Vise Combinations
logo
Adafruit Industries
304 ADAFRUIT-304 Datasheet
94Kb / 2P
The Original Egg-Bot! - Deluxe Kit!
logo
Marathon Special Produc...
304 MARATHON-304 Datasheet
170Kb / 3P
Terminal Block– Closed Back 30 Amps, 600 Volts (AC/DC)
REV B 09/26/12
logo
HellermannTyton.
304-1-G HELLERMANNTYTON-304-1-G Datasheet
2Mb / 70P
NorthAmericanProductGuide
More results

Similar Description - 304

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
TWIN TIMER & DEFROSTING TIMER
logo
BELIMO AIRCONTROLS (USA...
G665C-250 BELIMO-G665C-250 Datasheet
948Kb / 4P
Flow characteristic equal percentage
G680C BELIMO-G680C Datasheet
1Mb / 4P
Flow characteristic equal percentage
G680CS BELIMO-G680CS Datasheet
996Kb / 4P
Flow characteristic equal percentage
logo
Festo Corporation.
PZVT-3-SEC FESTO-PZVT-3-SEC Datasheet
83Kb / 1P
Timer
PZVT-30-SEC FESTO-PZVT-30-SEC Datasheet
83Kb / 1P
Timer
PZVT-120-SEC FESTO-PZVT-120-SEC Datasheet
83Kb / 1P
Timer
PZVT-999-SEC-B FESTO-PZVT-999-SEC-B Datasheet
84Kb / 1P
Timer
PZVT-99999-MIN-B FESTO-PZVT-99999-MIN-B Datasheet
84Kb / 1P
Timer
logo
Littelfuse
PTHF4900DK LITTELFUSE-PTHF4900DK Datasheet
461Kb / 2P
Dedicated - Percentage
2016 Rev: 1-A-062216
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com