Electronic Components Datasheet Search
  English  ▼

X  

304G Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # 304G
Description  Solid-State Percentage Timer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

304G Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  304G Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 304G Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12
Automatic Timing & Controls
800.727.5646
atcdiversified.com
OPERATION
The 304G solid-state percentage timer comes standard in a 120 SEC
range with 15 SEC, 30 SEC, 60 SEC user configurable ranges. Addition-
ally, all second ranges can become minute ranges by changing jumper
J11 . The 304G is easily panel mounted with 4 screws. It utilizes an
integrated circuit technology for high accuracy timing.
CONTACTS: The relay contact is capable of switching 10 A to a resistive
120 VAC or 30 VDC load. It is capable of driving a 1/3 HP load at
120 VAC.
CYCLE PROGRESS INDICATION: The 304G has a pilot light that is on
solid during the relay off time. It blinks at a faster rate during the relay
on time: once every 3.5 seconds during the first 10% of the cycle, twice
during the second 10% and so on.
HIGH ACCURACY: The 304G’s timing circuit is not a simple RC circuit.
It utilizes the sophistication of a proprietary integrated circuit that
includes counting technology along with a stable oscillator to provide
repeatable time delays.
CONVENIENT ADJUSTMENT: Graduated in easily read 1% increments,
the 304G provides continuous adjustment of on time between
5 and 95%.
The 304G comes standard in the 120 SEC range but is user configurable
for the 15 SEC, 30 SEC or MIN., 60 SEC or MIN. by changing jumpers on
the PC board. Each of these ranges can also be made minutes range by
changing a jumper. Its solid-state circuitry repeatedly closes the SPST
load switch for a percentage of the time cycle, as set on the timer dial,
and opens it for the remainder of the cycle.
When the dial pointer is set below 3%, the load switch stays open for
the full cycle; it remains closed when the pointer is set above 98%. This
is true for all seconds ranges. Minute ranges have a 0.01% minimum.
If power is interrupted to the timer it will reset. When power is restored,
the timer will begin a new time cycle.
MODEL NUMBER
MODEL NUMBER
304G
Q
00
RANGE
Multi-range, Jumper Selectable*
400
15/30/60/120 SEC or MIN
*Factory Set to 120 Sec Range
15 SEC
004
30 SEC
006
60 SEC
007
VOLTAGE & FREQUENCY
120 VAC, 50/60 Hz
Q
DIAL CALIBRATION
Standard
00
FEATURES
Standard
XX
Special
XK
Solid-State Percentage Timer
SPECIFICATIONS
MODEL
304G Non Plug-In
CONTACT RATINGS
(non-inductive)
10A at 120 VAC
TEMPERATURE RATING 32° to 120°F (0° to 50°C)
SETTING ACCURACY
±5% of range 5 to 95% on time, in
1% graduations.
FULL ON, FULL OFF FEATURE. When
pointer is set below 3%, load switch
contacts are open continuously;
above 98%, contacts are closed
continuously in all seconds ranges.
Minute ranges have a 0.01%
minimum.
RANGES
Standard 120 SEC range three
configurable ranges of 15 SEC,
30 SEC, 60 SEC, 15 MIN, 30 MIN,
60 MIN and 120 MIN.
LOAD RELAY
One SPST Relay 10 Amp @ 120 VAC
POWER REQUIREMENTS 120V, 50/60 Hz; 50mA running
current.
TERMINALS
4 screw terminals accessible at rear;
wiring diagram on housing
WEIGHT
Net: 5.6 oz.
SHIPPING:
1 lb.
IND. CONT. EQ.
101F
E48329
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - 304G

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
304GX ATC-304GX Datasheet
316Kb / 2P
Solid State Percentage Timer
304GX004Q ATC-304GX004Q Datasheet
316Kb / 2P
Solid State Percentage Timer
304GX006Q ATC-304GX006Q Datasheet
316Kb / 2P
Solid State Percentage Timer
304GX007Q ATC-304GX007Q Datasheet
316Kb / 2P
Solid State Percentage Timer
304GX400Q ATC-304GX400Q Datasheet
316Kb / 2P
Solid State Percentage Timer
More results

Similar Description - 304G

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3CR-A OMRON-H3CR-A Datasheet
401Kb / 22P
Solid-state Multi-functional Timer
Y92F-40 OMRON-Y92F-40 Datasheet
1,000Kb / 7P
Solid-state Timer
H3Y OMRON-H3Y Datasheet
149Kb / 8P
Solid-state Timer
H3CR OMRON-H3CR Datasheet
2Mb / 61P
Solid-state Timer
H3JA OMRON-H3JA Datasheet
288Kb / 8P
Solid-state Timer
H3BA-N OMRON-H3BA-N Datasheet
1Mb / 22P
Solid-state Timer
H3BA-X OMRON-H3BA-X Datasheet
1Mb / 16P
Solid-state Timer
H3DE-M OMRON-H3DE-M Datasheet
1Mb / 34P
Solid-state Timer
H3CA OMRON-H3CA Datasheet
398Kb / 15P
Solid-State Digital Timer
logo
List of Unclassifed Man...
1071 ETC2-1071 Datasheet
79Kb / 1P
INDUSTRIAL SOLID STATE TIMER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com