Electronic Components Datasheet Search
  English  ▼

X  

CF5074A Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # CF5074A
Description  VCXO Module IC with Built-in Varicap
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5074A Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  CF5074A Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5074A Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5074A Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5074A Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5074A Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5074A Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5074A Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5074A Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5074A Datasheet HTML 9Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CF5074A
SEIKO NPC CORPORATION —4
ELECTRICAL CHARACTERISTICS
VDD = 2.25 to 3.6V, VC = 0.5VDD, VSS = 0V, Ta = –40 to +85°C unless otherwise noted.
Parameter
Symbol
Conditions
Rating
Unit
Min
Typ
Max
Current consumption
IDD
Measurement circuit 2,
load circuit 1, INHN = open,
CL = 15pF, f = 80MHz
VDD = 2.25 to 2.75V
–
20
30
mA
VDD = 3.0 to 3.6V
–
26
36
mA
HIGH-level output voltage
VOH
Q: Measurement circuit 1, IOH = –4mA
VDD – 0.4 VDD – 0.2
–
V
LOW-level output voltage
VOL
Q: Measurement circuit 1, IOL = 4mA
–
0.2
0.4
V
Output leakage current
IZ
Q: Measurement circuit 6,
INHN = LOW
VOH = VDD
–
–
10
µA
VOL = VSS
–
–
10
µA
HIGH-level input voltage
VIH
INHN
0.7VDD
––
V
LOW-level input voltage
VIL
INHN
–
–
0.3VDD
V
INHN pull-up resistance
RUP1
Measurement circuit 3
INHN = VSS
0.4
0.8
1.2
M
Ω
RUP2
INHN = 0.7VDD
15
–
150
k
Ω
Oscillator block built-in
resistance
RVC1
Measurement circuit 4
75
150
225
k
Ω
RVC2
75
150
225
k
Ω
RVC3
10
30
90
k
Ω
Oscillator block built-in
capacitance
CVC
Capacitance of CVC1 and
CVC2
VC = 0.3V
13
16.3
19.6
pF
VC = 1.65V
6.7
8.9
10.9
pF
VC = 3.0V
3.3
4.7
6.1
pF
VC input resistance
RVIN
Measurement circuit 7, Ta = 25
°C10
–
–
M
Ω
VC input impedance
ZVIN
Measurement circuit 8, VC = 0V, f = 10kHz, Ta = 25°C
–
250
–
k
Ω
VC input capacitance
CVIN
Measurement circuit 8, VC = 0V, f = 10kHz, Ta = 25°C
–
60
–
pF
Modulation bandwidth
fm
Measurement circuit 9, –3dB frequency, VDD = 3.3V,
VC = 3.3Vp-p, Ta = 25°C, crystal: f = 80MHz,
C0 = 4.8pF,
γ ≤ 440
–30–
kHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com