Electronic Components Datasheet Search
  English  ▼

X  

QM30 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # QM30
Description  MEDIUM POWER SWITCHING USE INSULATED TYPE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM30 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  QM30 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM30 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM30 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM30 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor QM30 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor QM30 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Feb.1999
PERFORMANCE CURVES (Diode part (D1))
MITSUBISHI TRANSISTOR MODULES
QM30E2Y/E3Y-H
MEDIUM POWER SWITCHING USE
INSULATED TYPE
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTIC (TRANSISTOR)
TIME (s)
FORWARD CHARACTERISTICS
(TYPICAL)
MAXIMUM SURGE CURRENT
CONDUCTION TIME
(CYCLES AT 60Hz)
FORWARD VOLTAGE
VF (A)
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTIC
FORWARD CURRENT
IF (A)
TIME (s)
1
10
0
10
0
10
–1
10
–2
10
–3
10
–1
10
–1
10
2
10
1
10
0
10
2
10
1
10
0
10
3
10
2
10
1
10
0
10
0
10
–1
10
–2
10
–3
10
2
10
1
10
0
10
2
10
1
10
7
5
4
3
2
0
10
7
5
4
3
2
0.4
0.8
1.2
1.6
2.0
2.4
Tj=25°C
Tj=125°C
2
10
1
10
7
5
4
3
2
0
10
7
5
4
3
2
0
100
200
300
400
500
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
4
4
4
Tj=25°C
Tj=125°C
Irr
Qrr
trr
VCC=300V
IB1=–IB2=0.6A
7
5
3
2
7
5
3
2
7
5
3
2
0.4
0.8
1.2
1.6
2.0
0
3
2
7
5
3
2
4
4
4
4
4
5 7
7
5
3
2
7
5
3
2
7
5
3
2
0.1
0.2
0.3
0.4
0.5
0
7
5
3
2
7
5
3
2
4
4
4
4
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com