Electronic Components Datasheet Search
  English  ▼

X  

CF5036F2 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # CF5036F2
Description  2.5V LVPECL Output Oscillator ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5036F2 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  CF5036F2 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5036F2 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5036F2 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5036F2 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5036F2 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5036F2 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5036F2 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5036F2 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5036F2 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CF5036 series
SEIKO NPC CORPORATION —3
BLOCK DIAGRAM
OSCILLATOR CIRCUIT CONSTANT
The CF5036 series oscillator setting varies with device version to optimize characteristics over the recom-
mended operating frequency range.
Oscillator Equivalent Circuit
Version
Oscillation mode
Built-in capacitance*1 *2[pF]
*1. The oscillator internal capacitance values includes parasitic capacitance.
*2. Values in parentheses ( ) are provisional only.
Recommended operating
frequency range*3 [MHz]
*3. The recommended operating frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. How-
ever, the oscillator frequency band is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics
and mounting conditions, so the oscillation characteristics of components must be carefully evaluated.
CXIN
CXOUT
CF5036G
×
Fundamental
or
3rd overtone
16
16
50 to 80
CF5036A
×
12
12
80 to 120
CF5036B
×
8
8
100 to 180
CF5036C
×
6
6
150 to 250
CF5036D
×
Fundamental
5
5
250 to 400
CF5036E
×
5
5
400 to 600
CF5036F
×
4
4
600 to 700
CF5036V
×
Setting by external components
(C0 cancel is not built-in.)
(4)
(4)
80 to 400
CF5036W
×
(4)
(4)
400 to 700
The CF5036 series oscillator circuit has a C0 cancel circuit built-in to improve the oscillator margin. If power is applied when there is an
open circuit between XIN and XOUT, self oscillation may occur, which is not abnormal. Users should confirm that the oscillator operates
normally when a crystal unit is connected.
XIN
VCC
OE
XOUT
1/2
OUT
VCC2
GND
OUTN
PECL
Colpitts
OSC
CXOUT
CXIN
XIN
XOUT
C0 cancel
RPD1
Rf
Oscillator block equivalent circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com