Electronic Components Datasheet Search
  English  ▼

X  

STP7NB60 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STP7NB60
Description  N-CHANNEL 600V - 1.0 廓 - 7.2A TO-220/TO-220FP PowerMESH??MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7NB60 Datasheet(HTML) 4 Page - STMicroelectronics

  STP7NB60_07 Datasheet HTML 1Page - STMicroelectronics STP7NB60_07 Datasheet HTML 2Page - STMicroelectronics STP7NB60_07 Datasheet HTML 3Page - STMicroelectronics STP7NB60_07 Datasheet HTML 4Page - STMicroelectronics STP7NB60_07 Datasheet HTML 5Page - STMicroelectronics STP7NB60_07 Datasheet HTML 6Page - STMicroelectronics STP7NB60_07 Datasheet HTML 7Page - STMicroelectronics STP7NB60_07 Datasheet HTML 8Page - STMicroelectronics STP7NB60_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
STP7NB60/FP
4/11
Table 11. Source Drain Diode
Note: 1. Pulse width limited by safe operating area
2. Pulsed: Pulse duration = 300
µs, duty cycle 1.5 %
Figure 3. Safe Operating Area for TO-220
Figure 4. Safe Operating Area for TO-220FP
Figure 5. Thermal Impedance for TO-220
Figure 6. Thermal Impedance for TO-220FP
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
7.2
A
ISDM
(1)
Source-drain Current
(pulsed)
28.8
A
VSD
(2)
Forward On Voltage
ISD = 7.2 A VGS = 0
V
trr
Reverse Recovery Time
ISD = 7.2; A di/dt = 100 A/µs
530
ns
Qrr
Reverse RecoveryCharge
VDD = 100 V Tj = 150 °C
(see test circuit, Figure 20)
4.5
µC
IRRAM
Reverse RecoveryCharge
17
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com