Electronic Components Datasheet Search
  English  ▼

X  

CP348 Datasheet(PDF) 1 Page - Kontron

Part # CP348
Description  3U Quad UART 16550 Serial Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

CP348 Datasheet(HTML) 1 Page - Kontron

  CP348 Datasheet HTML 1Page - Kontron CP348 Datasheet HTML 2Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CP348
ˆ
3U Quad UART 16550 Serial Controller
 Act fast: Plug and Play, fully UART 16550 compatible
 Improve Communication: RS232, RS422 or RS485 galvanically isolated
 Live effectively: four very cost effective Serial Channels


Similar Part No. - CP348

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP348 CENTRAL-CP348 Datasheet
480Kb / 2P
Power Transistor PNP - High Current Transistor Chip
CP348-2N5154 CENTRAL-CP348-2N5154 Datasheet
516Kb / 4P
NPN - High Current Transistor Die
R0 6-June 2016
CP348-BUY48 CENTRAL-CP348-BUY48 Datasheet
529Kb / 4P
NPN - High Current Transistor Die
R0 6-June 2016
More results

Similar Description - CP348

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
EI16C554 IMP-EI16C554 Datasheet
29Kb / 1P
QUAD UART
EI82C684 IMP-EI82C684 Datasheet
36Kb / 2P
QUAD UART
logo
A1 PROs co., Ltd.
EI16C554 A1PROS-EI16C554 Datasheet
35Kb / 1P
QUAD UART
logo
Maxim Integrated Produc...
MAX14830 MAXIM-MAX14830 Datasheet
3Mb / 68P
Quad Serial UART with 128-Word FIFOs
Rev 3; 1/13
MAX14830 MAXIM-MAX14830_15 Datasheet
2Mb / 68P
Quad Serial UART with 128-Word FIFOs
Rev 5; 2/15
logo
Xilinx, Inc
XPS16550 XILINX-XPS16550 Datasheet
471Kb / 20P
XPS 16550 UART
logo
Tripp Lite. All Rights ...
PCI-D9-02-LP TRIPPLITE-PCI-D9-02-LP Datasheet
497Kb / 2P
2-Port DB9 (RS-232) Serial PCI Card with 16550 UART, Low Profile
logo
HITRON ELECTRONICS CORP...
HAC300S-D120E HITRON-HAC300S-D120E Datasheet
341Kb / 4P
3U x 8HP CompactPCI Serial
logo
Maxim Integrated Produc...
MAX14830 MAXIM-MAX14830_V01 Datasheet
1Mb / 68P
Quad Serial UART with 128-Word FIFOs
19-5547; Rev 7; 2/16
logo
Advantech Co., Ltd.
MIC-300 ADVANTECH-MIC-300 Datasheet
912Kb / 3P
3U Height CompactPCI® Serial Enclosure for 3U Cards
15-Jul-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com