Electronic Components Datasheet Search
  English  ▼

X  

SM5306AV Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5306AV
Description  Low Voltage, 3-channel Video Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5306AV Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5306AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5306AV Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SM5306A
SEIKO NPC CORPORATION —1
Low Voltage, 3-channel Video Buffer
OVERVIEW
The SM5306A is a 3-channel low-voltage video buffer IC that can drive a 75
Ω termination resistance load. The
output buffer gain can be switched between 0dB and 6dB. A built-in sag compensation circuit enables a lower
output coupling capacitance to be used. The device operates from a 3.0 to 5.5V supply.
FEATURES
I
Supply voltage: 3.0 to 5.5V
I
Current consumption: 24mA (VCC = 3.3V)
I
Output gain switching: 0dB (GSEL = LOW)
6dB (GSEL = HIGH)
I
Gain error:
± 0.5dB
I
Maximum passband frequency: over 20MHz
I
Maximum output voltage: min. 2.0Vp-p
(gain = 6dB)
I
Sag compensation circuit built-in
I
Synctip clamp input
I
Operating ambient temperature range: 0 to 70
°C
I
Package: 16-pin VSOP (Pb free)
APPLICATIONS
I
LCD monitor
ORDERING INFORMATION
PINOUT
(Top view)
PACKAGE DIMENSIONS
(Unit: mm)
Device
Package
SM5306AV
16-pin VSOP
VCC1
1
IN1
GND1
IN2
16
OFB1
OUT1
VCC2
OFB2
GND2
GSEL
IN3
GND3
8
OUT2
VCC3
OFB3
9
OUT3
0.275TYP
5.1 ± 0.2
0.65
0.12
0.10
M
0.22
− 0.05
+ 0.1
0.15 − 0.05
+ 0.1
0 to 10 °


Similar Part No. - SM5306AV

ManufacturerPart #DatasheetDescription
logo
Silicon Mitus, Inc.
SM5306 SILICONMITUS-SM5306 Datasheet
293Kb / 1P
High-Efficiency Dual-String with up to 10-WLED White LED Driver
August 2018 Rev. 0.0.0
More results

Similar Description - SM5306AV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5302A NPC-SM5302A Datasheet
503Kb / 26P
3-channel Video Buffer with Built-in wideband LPF
SM5301 NPC-SM5301 Datasheet
178Kb / 12P
3-channel Video Buffer with Built-in Wideband Filters
logo
Maxim Integrated Produc...
MAX11508 MAXIM-MAX11508 Datasheet
154Kb / 12P
Low-Cost, 3-Channel, HD/PS/SD/BP Video Filters with Buffer
Rev 0; 10/08
logo
Nippon Precision Circui...
SM5307A NPC-SM5307A Datasheet
207Kb / 13P
3-channel Video Buffer
SM5307C NPC-SM5307C Datasheet
188Kb / 12P
3-channel Video Buffer
SM5309A NPC-SM5309A Datasheet
419Kb / 24P
3-channel Video Buffer with Built-in wideband LPF
SM5309B NPC-SM5309B Datasheet
409Kb / 24P
3-channel Video Buffer with Built-in wideband LPF
logo
3PEAK INC.
TPF113 3PEAK-TPF113 Datasheet
664Kb / 10P
Zero-PeakingTM, Ultra-low Power, 3-Channel SD Video Buffer with LPF
TPF133A 3PEAK-TPF133A Datasheet
328Kb / 10P
Low Power, 3-channel Video Filter for HD Video
TPF153 3PEAK-TPF153 Datasheet
964Kb / 10P
Low Power, 3-channel 6dB gain Video buffer for HD-Video
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com