Electronic Components Datasheet Search
  English  ▼

X  

CP1 Datasheet(PDF) 2 Page - SOVICO corp.

Part # CP1
Description  Power Conditioner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

CP1 Datasheet(HTML) 2 Page - SOVICO corp.

  CP1 Datasheet HTML 1Page - SOVICO corp. CP1 Datasheet HTML 2Page - SOVICO corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER SERIES
■
CURRENT RATING
USB circuit
Operating Voltage
Spike Protection Mode
Spike Clamping Voltage
Response Time
Maximum Surge Current
Noise Attenuation
Product Dimension (WDH)
Weight
Power Consumption
※ 본 제품의 디자인 및 규격은 제품의 품질 향상을 위해 공지없이 변경될 수 있습니다.
■
CP1 Rear panel
www.sac-audio.com
Copyright © 2014 SAC AUDIO All rights reserved
T. 02-2106-2865
F. 02-2106-2838
·본사/공장. 11517 경기도 양주시 백석읍 권율로1203번길 39-33
·영 업 / A S . 06703 서울특별시 서초구 남부순환로 2271-5
CP 1 사용예시
10 Amps
500㎃×18″(4″ voice coil)
180 to 274VAC
Line to neutral, Zero ground leakage
188 VAC peak @ 3000 Amps
1 nanosecond
6,500 Amps
10㏈@10㎑, 40㏈@100㎑, 50㏈@500㎑
482(W)×44(H)×285(D)㎜
4 kg
15VA
2020.06



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com