Electronic Components Datasheet Search
  English  ▼

X  

TBL Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # TBL
Description  Flasher DIP Switch TDR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

TBL Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  TBL Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
72
Flasher DIP Switch TDR
When supply voltage is applied to the input, the OFF time (T1)
begins. Upon completion of the OFF time, the relay energizes
and the ON time (T2) begins. Upon completion of the ON time,
the relay de-energizes and one cycle is complete. This OFF/ON
cycling continues until supply voltage is removed from the input.
The OFF time always equals the ON time.
DIP SWITCH OPERATION
Digital selection of the time delay is accomplished by the use of
ten (10) binary switches, each marked with a time increment. The
time periods, of which there are five (5) ranges, represented by
each switch in the ON position is added together to obtain the
desired time delay. No more trial-by-error adjustments.
OPERATION
SUPPLY
VOLTAGE
OUTPUT
T1
T1
T1
T1
T2
T1
T2
T2
T2
SPECIFICATIONS
TIME DELAY RANGE
A
0.1 to 102.3 SEC in 0.1 SEC Increments
B
1.0 to 1,023 SEC in 1.0 SEC Increments
C
10 to 10,230 SEC in 10 SEC Increments
D
0.1 to 102.3 MIN in 0.1 MIN Increments
E
1.0 to 1,023 MIN in 1.0 MIN Increments
OUTPUT
10 A @ 250 VAC or 24 VDC, resistive
RATING
ACCURACY
Setting ±2% or ±50 mSEC; whichever is
greater
Repeat ±0.1% or ±8.3 mSEC; whichever
is greater
RESET TIMES
Before Time Out
100 mSEC
After Time Out
50 mSEC
SUPPLY
12, 24, 48, 120 or 240 VAC,
VOLTAGE
50/60 Hz; or DC; ±10%
FALSE TRANSFER No
REVERSE
Yes
POLARITY
PROTECTED
POWER
3 VA, approximately
REQUIRED
DUTY CYCLE
Continuous
TEMPERATURE
Operate 32° to 131°F (0° to +55°C)
RATING
Storage -49° to 185°F (-45° to +85°C)
LIFE
Mechanical 10 million operations, minimum
EXPECTANCY
Electrical
100,000 Operations @ rated
load
INDICATORS
LED glows when relay is energized.
ISOLATION
1,500 volts, input/output
WEIGHT
0.35 lbs.
MODEL NUMBER
WIRING
DIMENSIONS
RB-08/PF083A
5
4
SUPPLY
VOLTAGE
+
–
DPDT Octal Plug-in
6
7
8
1
2
3
MODEL NUMBER
TBL
A
CONTROL VOLTAGE
12 VDC
12
D
24 VAC/DC
24
A
48 VDC
48
D
120 VAC/DC
120
A
240 VAC
240
A
TIME DELAY RANGE
0.1 to 102.3 SEC in 0.1 SEC Increments
A
1.0 to 1,023 SEC in 1.0 SEC Increments
B
10 to 10,230 SEC in 10 SEC Increments
C
0.1 to 102.3 MIN in 0.1 MIN Increments
D
1.0 to 1,023 MIN in 1.0 MIN Increments
E
HOUSING
A
E55826
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - TBL

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TBL TRACOPOWER-TBL Datasheet
303Kb / 3P
TBL Series, 15 to 150 Watt
Rev. April 4, 2022
logo
Dialight Corporation
TBL-00-04T-00 DIALIGHT-TBL-00-04T-00 Datasheet
100Kb / 1P
Tactical Blackout Drive Light
logo
Same Sky Devices
TBL-0014-750 SAMESKY-TBL-0014-750 Datasheet
247Kb / 3P
TERMINAL BLOCK
09/12/2024
TBL-0014-750-01BE SAMESKY-TBL-0014-750-01BE Datasheet
247Kb / 3P
TERMINAL BLOCK
09/12/2024
TBL-0014-750-01GR SAMESKY-TBL-0014-750-01GR Datasheet
247Kb / 3P
TERMINAL BLOCK
09/12/2024
More results

Similar Description - TBL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6D OMRON-A6D Datasheet
147Kb / 3P
DIP Switch
logo
DB Lectro Inc
BSI-10 DBLECTRO-BSI-10 Datasheet
185Kb / 2P
DIP SWITCH
BSI-10H DBLECTRO-BSI-10H Datasheet
184Kb / 2P
DIP SWITCH
logo
Omron Electronics LLC
A6ER OMRON-A6ER Datasheet
746Kb / 4P
DIP Switch
A6S-H OMRON-A6S-H Datasheet
933Kb / 6P
DIP Switch
logo
CUI INC
DS01-254 CUI-DS01-254 Datasheet
312Kb / 3P
DIP SWITCH
DS03-254 CUI-DS03-254 Datasheet
319Kb / 3P
DIP SWITCH
DS04-254 CUI-DS04-254 Datasheet
322Kb / 3P
DIP SWITCH
DS05-127-SMT CUI-DS05-127-SMT Datasheet
355Kb / 4P
DIP SWITCH
DS02-254 CUI-DS02-254_V01 Datasheet
333Kb / 3P
DIP SWITCH
11/23/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com