Electronic Components Datasheet Search
  English  ▼

X  

TDD Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # TDD
Description  Off-Delay Relay Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

TDD Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  TDD Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
77
Example: TUC-120-AKA-900—Interval on operate, 120 Volts AC or DC, knob
adjustable from 9 to 900 seconds, 8-pin octal plug-in, UL recognized and
CSA approved.
Notes:* The TUC series is offered in 120 Volts, style A enclosure only with
optional types of operation “K”, “L”, or “F” CSA certified, File #LR40123**
TDC models using the “R” option are not UL Recognized. The “R” option is
not offered in the TUC series or the style B enclosure. TDC models using
“F”, “K”, or “L” options and in the 8-pin octal plug are only available in 24-volts.
Automatic Timing & Controls
800.727.5646
atcdiversified.com
MODEL NUMBER
T
D
A
SERIES
Relay Output
D
Relay Output with CSA
U*
SUPPLY VOLTAGE
24 VAC or DC
24
110/120 VAC or DC
120
TYPE OF OPERATION
Knob Adjustable
K
Lock Nut Adjustable
L
Fixed
F
External Resistor Adjustable
R**
ENCLOSURE STYLE
8 or 11-pin Round Plug-in
A
Blade Plug-in
B
Non-UL 12-pin DIP Plug-in
C
DELAY PERIOD
See page 82 for standard ranges available
Example: TDD-120-AKA-600—Delay on Release, 120 Volts AC or
DC, knob adjustable from 6 to 600 seconds, 11-pin octal plug-in,
UL Recognized.
Notes:* The TUD series is offered in 120 Volts, octal plug-in style A enclosure only with optional
types of operation “K”, “L”, or “F” CSA certified: File #LR40123** and UL Recognized.
TDD’s using the “R” option are not UL Recognized. The “R” option is NOT offered in the
TUD series or the style B enclosure.
Off-Delay Relay Output
OPERATION
Voltage is continuously applied to the input. An external isolated switch controls the
timer. When closed, the relay energizes. Opening the switch initiates the delay period.
Upon completion of the delay period, the relay de-energizes. If the control switch
recloses during the delay period, the relay remains energized and the timer resets
to zero.
WIRING
DIMENSIONS (INCHES)
SPECIFICATIONS
TIMING RANGES
Virtually unlimited. See page 77 for standard
ranges available.
OUTPUT
DPDT, 10 A @ 250 VAC or 24 VDC, resistive;
RATING
211 VA @ 120 VAC, inductive
TIMING
Minimum Setting
+0 – 20%
TOLERANCES Maximum Setting ±10%;
REPEATABILITY 1% maximum; no first cycle effect
RESET TIMES Before Time Out
100 mSEC
After Time Out
50 mSEC
RECYCLE TIME 40 mSEC
SUPPLY
24 or 120 VAC or VDC, 50/60 Hz; ±10%
VOLTAGE
(TUD Series available in 120 Volts only)
FALSE TRANSFER No
REVERSE
Yes
POLARITY
PROTECTED
POWER
3 watts (approximately)
CONSUMPTION
DUTY CYCLE
Continuous
TEMPERATURE
Operate
32° to 131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
LIFE EXPECTANCY Mechanical 10 million operations (minimum)
Electrical
100,000 operations
@ rated load
WEIGHT
6 oz.
SUPPLY
VOLTAGE
OUTPUT
TIME DELAY
CONTROL
SWITCH
1
2
3
4
6
7
9
8
5
A
B
+
–
70-463-1
DPDT Blade Plug-in
SW
RB-08/PF083A
5
4
SUPPLY
+
–
SPDT Octal Plug-in
6
7
8
1
2
3
4
8
9
3
2
1
11
5
7
6
10
+
–
SUPPLY
RB-11/PF113A
DPDT 11 Pin Plug-in
4
8
9
3
2
1
11
5
7
6
10
+
–
SUPPLY
External Resistor Adjustable
DPDT 11 Pin Plug-in
MODEL NUMBER
*
TD
TD (R)
TU
TD (BLADE-B)
E55826
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - TDD

ManufacturerPart #DatasheetDescription
logo
C&K Components
TDD CK-COMPONENTS-TDD Datasheet
166Kb / 2P
Bifurcated contact for increased electrical reliability
TDD CK-COMPONENTS-TDD Datasheet
128Kb / 2P
Jumper Switch
26 Aug 20
logo
Adam Technologies, Inc.
TDD-XX ADAM-TECH-TDD-XX Datasheet
89Kb / 1P
909 Rahway Avenue
logo
C&K Components
TDD01-H0-S-B-1-R CK-COMPONENTS-TDD01-H0-S-B-1-R Datasheet
128Kb / 2P
Jumper Switch
26 Aug 20
logo
Chinfa Electronics Ind....
TDD05-03S4 CHINFA-TDD05-03S4 Datasheet
524Kb / 8P
DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results

Similar Description - TDD

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
VTM2 MACOM-VTM2 Datasheet
236Kb / 1P
Off-Delay Timing Module
2-1437463-1 MACOM-2-1437463-1 Datasheet
156Kb / 1P
Specification Grade Discrete Plug-in True Off-Delay Time Delay Relay
logo
Panasonic Semiconductor
TS2-I-24V-800S PANASONIC-TS2-I-24V-800S Datasheet
161Kb / 1P
TS-RELAYS NEW PCB TIME DELAY RELAY TIME-ON OR TIME-OFF DELAY OR PULSE RELAY
logo
TE Connectivity Ltd
7000 TEC-7000 Datasheet
975Kb / 7P
Available in on-delay, true off-delay, and on/off-delay
logo
OEN India Limited
OEN192 OENINDIA-OEN192 Datasheet
337Kb / 2P
TMIE DELAY RELAY
logo
PHOENIX CONTACT
2901485 PHOENIX-2901485 Datasheet
156Kb / 8P
Timer relay with off delay (with control contact) and adjustable time
logo
FOTEK CONTROLS CO., LTD...
TFN-3S FOTEK-TFN-3S Datasheet
781Kb / 1P
OFF DELAY TIMER
logo
PHOENIX CONTACT
102862 PHOENIX-102862 Datasheet
329Kb / 7P
Safety Relay as a Contact Extension Block With Off-Delay Contacts
logo
Littelfuse
TDR LITTELFUSE-TDR Datasheet
437Kb / 2P
Relay Output, Recycling Time Delay Relay
2016 Rev: 1-A-062116
TDS LITTELFUSE-TDS Datasheet
347Kb / 2P
Relay Output, Single Shot Time Delay Relay
2021 Rev: 1-B-030121
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com