Electronic Components Datasheet Search
  English  ▼

X  

TDL Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # TDL
Description  Flasher Relay Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

TDL Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  TDL Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
84
MODEL NUMBER
TDL
A
SUPPLY VOLTAGE
24 VAC or DC
24
110/120 VAC or DC
120
TYPE OF OPERATION
Knob Adjustable
K
Lock Nut Adjustable
L
Fixed
F
ENCLOSURE STYLE
8-pin octal plug-in
A
Blade plug-in
B
DELAY PERIOD
See page 82 for standard ranges available
Example: TDL-120-ALA-300—Flasher, 120 Volts AC or DC, lock nut
adjustable from 3 to 300 seconds, 8-pin octal plug-in, UL recognized.
Flasher Relay Output
OPERATION
When power is applied to the input, the OFF time begins. Upon comple-
tion of the OFF time, the relay energizes and the ON time begins. Upon
completion of the ON time, the relay de-energizes and one cycle is
complete. This OFF/ON cycling continues until the voltage is removed
from the input. THE OFF TIME ALWAYS EQUALS THE ON TIME.
1
2
3
4
6
7
9
8
5
A
B
5
4
3
2
1
8
7
6
+
–
+
–
SUPPLY
DPDT Octal Plug-in
DPDT Blade Plug-in
RB-08/PF083A
70-463-1
WIRING
DIMENSIONS (INCHES)
SUPPLY
VOLTAGE
OUTPUT
T1
T1
T1
T1
T2
T1
T2
T2
T2
MODEL NUMBER
SPECIFICATIONS
TIMING RANGES
Virtually unlimited. See page 77 for standard
ranges available.
OUTPUT
DPDT, 10 A @ 250 VAC or 24 VDC, resistive;
RATING
211 VA @ 120 VAC, inductive
DUTY
50%
CYCLE
SUPPLY
24 or 120 VAC or VDC, 50/60 Hz; ±10%
VOLTAGE
FALSE TRANSFER No
REVERSE
Yes
POLARITY
PROTECTED
POWER
3 watts (approximately)
CONSUMPTION
TEMPERATURE
Operate
32° to 131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
LIFE EXPECTANCY Mechanical 10 million operations (minimum)
Electrical
100,000 operations
@ rated load
WEIGHT
5.6 oz.
E55826
2.375”
Octal Pin Plug-in
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - TDL

ManufacturerPart #DatasheetDescription
logo
Technology Dynamics Inc...
TDL-12-50 TECHNOLOGY-TDL-12-50 Datasheet
159Kb / 2P
SWITCHING POWER SUPPLIES
TDL-24-42 TECHNOLOGY-TDL-24-42 Datasheet
159Kb / 2P
SWITCHING POWER SUPPLIES
TDL-28-36 TECHNOLOGY-TDL-28-36 Datasheet
159Kb / 2P
SWITCHING POWER SUPPLIES
logo
TRACO Electronic AG
TDL-3 TRACOPOWER-TDL-3 Datasheet
251Kb / 3P
TDL 3 Series, 3 Watt
Rev. December 15, 2021
logo
Technology Dynamics Inc...
TDL-48-22 TECHNOLOGY-TDL-48-22 Datasheet
159Kb / 2P
SWITCHING POWER SUPPLIES
More results

Similar Description - TDL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6140 ATMEL-ATA6140 Datasheet
403Kb / 13P
TWO RELAY FLASHER
logo
TEMIC Semiconductors
U2044B TEMIC-U2044B Datasheet
177Kb / 6P
Dual Output Flasher
logo
ATMEL Corporation
U2044B ATMEL-U2044B Datasheet
215Kb / 8P
DUAL OUTPUT FLASHER
logo
Unisonic Technologies
L2044 UTC-L2044 Datasheet
101Kb / 3P
DUAL OUTPUT FLASHER
LL204 UTC-LL204 Datasheet
104Kb / 4P
DUAL OUTPUT FLASHER
logo
ATMEL Corporation
ATA6140 ATMEL-ATA6140_05 Datasheet
317Kb / 14P
Two-relay Flasher
U2044B ATMEL-U2044B_05 Datasheet
227Kb / 9P
Dual Output Flasher
logo
Unisonic Technologies
L2044 UTC-L2044_10 Datasheet
157Kb / 3P
DUAL OUTPUT FLASHER
L2044 UTC-L2044_15 Datasheet
195Kb / 5P
DUAL OUTPUT FLASHER
LL204 UTC-LL204_17 Datasheet
218Kb / 5P
DUAL OUTPUT FLASHER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com