Electronic Components Datasheet Search
  English  ▼

X  

CF5010FHE Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # CF5010FHE
Description  Crystal Oscillator Module ICs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5010FHE Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  CF5010FHE Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5010FHE Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5010FHE Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5010FHE Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5010FHE Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5010FHE Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5010FHE Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5010FHE Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5010FHE Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
SM5010 series
SEIKO NPC CORPORATION —4
BLOCK DIAGRAM
For Fundamental Oscillator
I
5010A
××, B××, CL×, DN×, EA× series
For 3rd Overtone Oscillator
I
5010F
××, H×× series
XT
VSS
VDD
Q
CG
CD
Rf
XTN
INHN
1/2
1/2
1/2
RD
1/2
XT
VSS
VDD
Q
CG
CD
Rf
XTN
INHN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com