Electronic Components Datasheet Search
  English  ▼

X  

MMA7455L Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MMA7455L
Description  Three Axis Low-g Digital Output Accelerometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7455L Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MMA7455L Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA7455L Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA7455L Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA7455L Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA7455L Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA7455L Datasheet HTML 14Page - Freescale Semiconductor, Inc MMA7455L Datasheet HTML 15Page - Freescale Semiconductor, Inc MMA7455L Datasheet HTML 16Page - Freescale Semiconductor, Inc MMA7455L Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Sensors
Freescale Semiconductor
13
MMA7455L
Figure 16. SPI Connection to MCU
Figure 17. In case of same supply between AVdd(6) and DVdd_IO(1)
GND
Vdd
Vdd_IO
SPC
SDA/SDI/SDO
SDO
INT2
INT1/DRDY
MCU
0.1uF
0.1uF
10uF
10uF
GND
Vdd
Vdd_IO
SPC
SDA/SDI/SDO
SDO
INT2
INT1/DRDY
MCU
0.1uF
0.1uF
10uF
10uF
GND
Output of
Power supply
device
DVdd_IO
10uF
10uF
AVdd
Vdd
0.1uF
0.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com