Electronic Components Datasheet Search
  English  ▼

X  

33811 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33811
Description  Solenoid Monitor Integrated Circuit (IC)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33811 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33811 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33811
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 10.5V
≤ VPWR ≤ 15.5V, -40°C ≤ TA ≤ 125°C, GND = 0V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
SPI DIGITAL INTERFACE TIMING(10)
Required High State Duration on RESET for Reset to occur(11)
tRESET
1.0
–
–
µs
Falling Edge of CS to Rising Edge of SCLK
Required Setup Time
tLEAD
100
–
–
ns
Falling Edge of SCLK to Rising Edge of CS
Required Setup Time
tLAG
0
50
ns
SI to Rising Edge of SCLK
Required Setup Time
tSI(SU)
16
–
–
ns
Rising Edge of SCLK to SI
Required Hold Time
tSI(HOLD)
20
–
–
ns
SI, CS, SCLK Signal Rise Time(12)
tR(SI)
–
5.0
–
ns
SI, CS, SCLK Signal Fall Time(12)
tF(SI)
–
5.0
–
ns
Time from Falling Edge of CS to SO Low-impedance(13)
tSO(EN)
–
65
80
ns
Time from Rising Edge of CS to SO High-impedance(14)
tSO(DIS)
–
–
55
ns
Time from Falling Edge of SCLK to SO Data Valid(15)
tVALID
–
65
90
ns
Sequential Transfer Rate
Time required between data transfers
tSTR
1.0
µs
Input Capacitance (SI, SCLK)
CINPUT
7
15
pF
Load Capacitance (SO)
CLOAD
200
pF
Tri-state Output Capacitance (SO)
CTRI-STATE
20
pF
WAVEFORM DETECTION TIMINGS
Start of Activation Filter Time(16)
tBEGIN
200
400
600
µs
Detection Window Time
tWINDOW
40
53
66
ms
Sample Time
tSAM
72
µs
Notes:
10.
These parameters are guaranteed by design. Production test equipment uses 3.2MHz, 5.0V SPI interface.
11.
This parameter is guaranteed by design, however it is not production tested.
12.
Rise and Fall time of incoming SI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
13.
Time required for valid output status data to be available on SO pin.
14.
Time required for output states data to be terminated at SO pin.
15.
Time required to obtain valid data out from SO following the fall of SCLK with 200pF load.
16.
9 µs guard band included in maximum limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com