Electronic Components Datasheet Search
  English  ▼

X  

SM8030 Datasheet(PDF) 1 Page - Solid State Inc

Part # SM8030
Description  Fast Turn-On
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

SM8030 Datasheet(HTML) 1 Page - Solid State Inc

  SM8030 Datasheet HTML 1Page - Solid State Inc SM8030 Datasheet HTML 2Page - Solid State Inc SM8030 Datasheet HTML 3Page - Solid State Inc SM8030 Datasheet HTML 4Page - Solid State Inc SM8030 Datasheet HTML 5Page - Solid State Inc SM8030 Datasheet HTML 6Page - Solid State Inc SM8030 Datasheet HTML 7Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
SM8030 /H/S/TR
Rev 2.00 (11/12/2013)
001731
Page 1 of 7
SM8030
Optically Coupled
Dual MOSFET Driver
w/Discharge Circuit
Description
The SM8030 is composed of two distinct MOSFET drivers
in a single package. Each driver circuit consists of an input
drive LED optically coupled to a photodiode array output
designed to drive highly capacitive loads, including the gate
of a power MOSFET. The active discharge circuit of the
PDAs assures quick discharge of MOSFETs, providing fast
turn-off times. This device can be used as two separate
drivers, or can be wired as a single enhanced driver with
either greater photo current or photo voltage output.
The SM8030 comes standard in a compact 8 pin DIP
package making it ideal for high-density board applications.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Isolated means to drive discrete power MOSFETs
Lighting Controls
Process Control Modules
Solid State Relays
Solenoid Controls
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …..….….……...………-40 to +85°C
Continuous Input Current ………..……………………..50mA
Transient Input Current ………..……….……………..400mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation ………..………………………40mW
Output Power Dissipation ……..……………………..400mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
SM8030
8 pin DIP, (50/Tube)
SM8030-H
5kVRMS Viso, 8 pin DIP, (50/Tube)
SM8030-S
8 pin SMD, (50/Tube)
SM8030-HS
5kVRMS, 8 pin SMD, (50/Tube)
SM8030-STR
8 pin SMD, Tape and Reel (1000/Reel)
SM8030-HSTR
5kVRMS, 8 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
Compact 8 pin DIP/SMD package
Built in active discharge circuit for fast turn-off
Fast Turn-On
Optional Parallel or Serial Output Connections
12V Gate Drive Voltage
High Input-to-Output Isolation (up to 5kVRMS)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
SM8030


Similar Part No. - SM8030

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SM8030 SSOUSA-SM8030 Datasheet
240Kb / 7P
Built in active discharge circuit for fast turn-off
logo
Micrel Semiconductor
SM803020 MICREL-SM803020 Datasheet
941Kb / 14P
Flexible Ultra-Low Jitter Clock Synthesizer
More results

Similar Description - SM8030

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
ACR300SG33 DYNEX-ACR300SG33 Datasheet
115Kb / 6P
Fast Turn-on Asymmetric Thyristor
XT2116 DYNEX-XT2116 Datasheet
30Kb / 4P
Fast Turn-on Asymmetric Thyristor
ACR300SG33 DYNEX-ACR300SG33_06 Datasheet
129Kb / 7P
Fast Turn-on Asymmetric Thyristor
logo
Solid State Optronic
M250 SSOUSA-M250_15 Datasheet
177Kb / 5P
Fast turn-on (50us TYP)
logo
Sangdest Microelectroni...
SMC431 SMC-SMC431 Datasheet
380Kb / 11P
Fast Turn-On Response
logo
First Components Intern...
BAT54WS FCI-BAT54WS Datasheet
143Kb / 2P
Low Turn-On Voltage, Fast Switching
logo
SHIKUES Electronics
BAS40WS SKTECHNOLGY-BAS40WS Datasheet
1Mb / 3P
Low Turn-on Voltage, Fast Switching
BAS70 SKTECHNOLGY-BAS70 Datasheet
863Kb / 1P
Low Turn-on Voltage, Fast Switching
BAS70W SKTECHNOLGY-BAS70W Datasheet
1Mb / 2P
Low Turn-on Voltage, Fast Swithing
BAS70WS SKTECHNOLGY-BAS70WS Datasheet
1Mb / 3P
Low-Turn-on Volatage, Fast Swithing
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com