Electronic Components Datasheet Search
  English  ▼

X  

INA950-SEP Datasheet(PDF) 14 Page - Texas Instruments

Part # INA950-SEP
Description  INA950-SEP 2.7V to 80V, 1.1MHz, Ultra-Precise, Current-Sense Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA950-SEP Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA950-SEP Datasheet HTML 10Page - Texas Instruments INA950-SEP Datasheet HTML 11Page - Texas Instruments INA950-SEP Datasheet HTML 12Page - Texas Instruments INA950-SEP Datasheet HTML 13Page - Texas Instruments INA950-SEP Datasheet HTML 14Page - Texas Instruments INA950-SEP Datasheet HTML 15Page - Texas Instruments INA950-SEP Datasheet HTML 16Page - Texas Instruments INA950-SEP Datasheet HTML 17Page - Texas Instruments INA950-SEP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
6.4 Device Functional Modes
6.4.1 Unidirectional Operation
The INA950-SEP measures the differential voltage developed by current flowing through a resistor that is
commonly referred to as a current-sensing resistor or a current-shunt resistor. Figure 6-3 shows that the INA950-
SEP operates in unidirectional mode only, meaning the device only senses current sourced from a power supply
to a system load.
+
–
Buffer
Current
Feedback
RL
R1
R1
Bias
48-V
Supply
Load
IN+
IN–
5V
RSENSE
OUT
GND
ISENSE
Figure 6-3. Unidirectional Application
The linear range of the output stage is limited to how close the output voltage can approach ground under
zero-input conditions. The zero current output voltage of the INA950-SEP is very small, with a maximum of GND
+ 25mV. Apply a sense voltage of (25mV / Gain) or greater to keep the INA950-SEP output in the linear region of
operation.
6.4.2 High Signal Throughput
With a bandwidth of 1.1MHz at a gain of 20V/V and a slew rate of 2V/µs, the INA950-SEP is specifically
designed for detecting and protecting applications from fast inrush currents. As shown in Table 6-2, the INA950-
SEP responds in less than 2µs for a system measuring a 75A threshold on a 2mΩ shunt.
Table 6-2. Response Time
PARAMETER
EQUATION
Value
VS
Supply Voltage
5V
G
Gain
20V/V
IMAX
Maximum current
100A
IThreshold
Threshold current
75A
RSENSE
Current sense resistor value
2mΩ
VOUT_MAX
Output voltage at maximum current
VOUT = IMAX × RSENSE × G
4V
VOUT_THR
Output voltage at threshold current
VOUT_THR = ITHR × RSENSE × G
3V
SR
Slew rate
2V/µs
Output response time
Tresponse = VOUT_THR / SR
< 2µs
INA950-SEP
SBOSAK8 – MARCH 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA950-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com