Electronic Components Datasheet Search
  English  ▼

X  

AS3514 Datasheet(PDF) 1 Page - ams AG

Part # AS3514
Description  Stereo Audio Codec with System Power Management
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3514 Datasheet(HTML) 1 Page - ams AG

  AS3514 Datasheet HTML 1Page - ams AG AS3514 Datasheet HTML 2Page - ams AG AS3514 Datasheet HTML 3Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AS3514 V12
austriamicrosystems
Product Brief
www.austriamicrosystems.com
Revision 1.01
1
- 3
1 General Description
The AS3514 is a low power stereo audio codec and is
designed for Portable Digital Audio Applications. It allows
playback in CD quality and recording in FM-stereo quality. It
has a variety of audio inputs and outputs to directly connect
electret microphones, 16
Ω headset, 4Ω speaker and auxiliary
signal sources via a 10-channel mixer. It only consumes 22mW
in playback mode.
Further the device offers advanced power management
functions. All necessary ICs and peripherals in a flash based
Digital Audio Player are supplied by the AS3514. The power
management block generates 9 different supply voltages out of
the battery supply. CPU, NAND flash, SRAM, memory cards,
LCD back-light, USB RX/TX can be powered. The different
supply voltages are programmable via the serial control
interface. It also contains a charger and is designed for battery
supplies from 1V to 5V.
The AS3514 has an on-chip, phase locked loop (PLL)
controlled, clock generator. It generates 44.1kHz, 48kHz and
other sample rates defined in MP3, AAC, WMA, OGG VORBIS
etc. No additional external crystal or PLL is needed. Further the
AS3514 has an independent 32kHz real time clock (RTC) on
chip which allows a complete power down of the system CPU.
2 Key Features
Multi-bit Sigma Delta Converters
– DAC: 18bit with 94dB SNR (‘A’ weighted) , 48kHz
– ADC: 14bit with 82dB SNR (‘A’ weighted), 16kHz
2 Microphone Inputs
– 3 gain pre-setting (28dB/34dB/40dB) with AGC
– 32 gain steps @1.5dB and MUTE
– supply for electret microphone
– microphone detection
– remote control by switch
2 Line Inputs
– volume control via serial interface
– 32 steps @1.5dB and MUTE
– stereo or 2x mono or mono differential
Line Outputs
– volume control via serial interface
– 32 steps @1.5dB and MUTE
– 1Vp @10k
Ω
Audio Mixer
– 10 channel input/output mixer with AGC
– mixes line inputs and microphones with DAC
– left and right channels independent
High Efficiency Headphone Amplifier
– volume control via serial interface
– 32 steps @1.5dB and MUTE
– 2x40mW @16
Ω driver capability
– headphone and over-current detection
– phantom ground eliminates large capacitors
High Power Speaker Amplifier
– volume control via serial interface
– 32 steps @1.5dB and MUTE
– 2x500mW @8
Ω driver capability
– over-current detection
Power Management
– step up for system supply (3.0V – 3.6V)
– step down for CPU core (0.85V – 1.8V, 250mA)
– step up for backlight (15V, 38.5mA)
– LDO for digital supply (2.9V, 200mA)
– LDO for analogue supply (2.9V, 200mA)
– LDO for peripherals (1.7V-3.3V, 200mA)
– LDO for peripherals (3.1V-3.3V, 200mA)
– LDO for RTC (1.0V-2.5V, 2mA)
– LDO for USB 1.1 transceiver (3.26V, 10mA)
– battery supervision
– 10sec emergency shut-down
Battery Charger
– automatic trickle charge (50mA)
– prog. constant current charging (100-400mA)
– prog. constant voltage charging (3.9V-4.25V)
Real Time Clock
– ultra low power 32kHz oscillator
– 32bit RTC sec counter
– selectable alarm (seconds or minutes)
General Purpose ADC
– 10bit resolution
– 16 inputs analogue multiplexer
Interfaces
– I²S digital audio interface
– 2 wire serial control interface
– watchdog via serial interface
– power good pin
– 128bit unique ID (OTP)
– 17 different interrupts
Package CTBGA64 [7.0x7.0x1.1mm] 0.8mm pitch
3 Application
Portable Digital Audio Player and Recorder
PDA, Smartphone
Product Brief
AS3514
Stereo Audio Codec with System Power Management


Similar Part No. - AS3514

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3510 AMSCO-AS3510 Datasheet
60Kb / 2P
Analog Audio Front-End
AS3510 AMSCO-AS3510 Datasheet
875Kb / 20P
ANALOG AUDIO FRONT-END
AS3510 AMSCO-AS3510 Datasheet
875Kb / 20P
Analog Audio Front End
logo
AMETHERM Circuit Protec...
AS3510018 AMETHERM-AS3510018 Datasheet
31Kb / 1P
Resistance @ 25째c
AS3510018 AMETHERM-AS3510018 Datasheet
244Kb / 3P
I N R U S H C U R R E N T L I M I T E R S
More results

Similar Description - AS3514

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3517 AMSCO-AS3517 Datasheet
227Kb / 3P
Stereo Audio Codec with advanced System Power Management
AS3515 AMSCO-AS3515 Datasheet
164Kb / 3P
Stereo Audio Codec with System Power Management
AS3543 AMSCO-AS3543 Datasheet
534Kb / 4P
High End Stereo Audio Codec with System PMU
AS3518 AMSCO-AS3518 Datasheet
417Kb / 3P
Stereo Audio Codec with enhanced System Power Management
logo
Texas Instruments
TPS65950 TI-TPS65950_1 Datasheet
180Kb / 8P
Integrated Power Management/Audio Codec
logo
Wolfson Microelectronic...
WM8350 WOLFSON-WM8350 Datasheet
2Mb / 340P
Wolfson AudioPlus??Stereo CODEC with Power Management
WM8351 WOLFSON-WM8351 Datasheet
3Mb / 330P
Wolfson AudioPlus??Stereo CODEC with Power Management
WM8352 WOLFSON-WM8352 Datasheet
2Mb / 336P
Wolfson AudioPlus™ Stereo CODEC with Power Management
February 2011, Rev 4.4
logo
ams AG
AS3515 AMSCO-AS3515_08 Datasheet
3Mb / 67P
Stereo Audio Codec with System Power Management
AS3517 AMSCO-AS3517_08 Datasheet
4Mb / 94P
Stereo Audio Codec with enhanced System Power Management
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com