Electronic Components Datasheet Search
  English  ▼

X  

CM1240 Datasheet(PDF) 5 Page - California Micro Devices Corp

Part # CM1240
Description  Dual-Voltage ESD Protection Array for USB Port
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1240 Datasheet(HTML) 5 Page - California Micro Devices Corp

  CM1240 Datasheet HTML 1Page - California Micro Devices Corp CM1240 Datasheet HTML 2Page - California Micro Devices Corp CM1240 Datasheet HTML 3Page - California Micro Devices Corp CM1240 Datasheet HTML 4Page - California Micro Devices Corp CM1240 Datasheet HTML 5Page - California Micro Devices Corp CM1240 Datasheet HTML 6Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2007 California Micro Devices Corp. All rights reserved.
5/16/07
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
l
Tel: 408.263.3214
l
Fax: 408.263.7846
l
www.cmd.com
5
CM1240
TDFN-08 Mechanical Specifications
The CM1240 is supplied in an 8-lead 0.5mm TDFN
package. Dimensions are presented below.
For complete information on the TDFN-08, see the
California Micro Devices TDFN Package Information
document.
*This package is compliant with JEDEC standard MO-229, variation
VCCD-3 with exception of the D2 and E2 dimensions as called out in
the table above and the r1 dimension which is not specified in the
MO-229 standard.
Package Dimensions for 8-Lead, 0.5mm pitch
TDFN package
PACKAGE DIMENSIONS
Package
TDFN
JEDEC
No.
MO-229 (Var. VCCD-3)*
Leads
8
Dim.
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
0.70
0.75
0.80
0.028 0.030 0.031
A3
0.20 REF
0.008 REF
b
0.20
0.25
0.30
0.008 0.010 0.012
D
1.90
2.00
2.10
0.075 0.079 0.083
D2
1.50
1.60
1.70
0.059 0.063 0.067
E
1.90
2.00
2.10
0.075 0.079 0.083
E2
0.80
0.90
1.00
0.031 0.035 0.039
e
0.50 BSC
0.020 BSC
K
0.20
0.008
L
0.20
0.30
0.40
0.008 0.012 0.016
# per
tape and
reel
3000 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
BOTTOM VIEW
A A3
0.10 C
SIDE VIEW
TOP VIEW
b
L
0.10
C A B
M
8X
D2
e
GND PAD
D
Pin 1
Marking
4
3
2
1
5
6
7
8
K
R
5
6
7
8
3
2
14
C0.25
Mechanical Details (cont’d)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com