Electronic Components Datasheet Search
  English  ▼

X  

P1103BVG Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # P1103BVG
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P1103BVG Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  P1103BVG Datasheet HTML 1Page - List of Unclassifed Manufacturers P1103BVG Datasheet HTML 2Page - List of Unclassifed Manufacturers P1103BVG Datasheet HTML 3Page - List of Unclassifed Manufacturers P1103BVG Datasheet HTML 4Page - List of Unclassifed Manufacturers P1103BVG Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
SEP-22-2004
N-Channel Enhancement Mode Field
Effect Transistor
P1103BVG
SOP-8
Lead-Free
NIKO-SEM
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C Unless Otherwise Noted)
PARAMETERS/TEST CONDITIONS
SYMBOL
LIMITS
UNITS
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±20
V
TC = 25 °C
11
Continuous Drain Current
TC = 90 °C
ID
12
Pulsed Drain Current
1
IDM
100
A
TC = 25 °C
2.5
Power Dissipation
TC = 90 °C
PD
3.0
W
Junction & Storage Temperature Range
Tj, Tstg
-55 to 150
°C
THERMAL RESISTANCE RATINGS
THERMAL RESISTANCE
SYMBOL
TYPICAL
MAXIMUM
UNITS
Junction-to-Ambient
RθJA
50
°C / W
1Pulse width limited by maximum junction temperature.
2Duty cycle
≤ 1%
ELECTRICAL CHARACTERISTICS (TC = 25 °C, Unless Otherwise Noted)
LIMITS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX
UNIT
STATIC
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0V, ID = 250µA
30
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250µA
1
1.5
2.5
V
Gate-Body Leakage
IGSS
VDS = 0V, VGS = ±20V
±100
nA
VDS = 24V, VGS = 0V
1
Zero Gate Voltage Drain Current
IDSS
VDS = 20V, VGS = 0V, TJ = 55 °C
10
µA
VGS = 4.5V, ID = 10A
13
16.5
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 10V, ID = 11A
9
11
mΩ
Forward Transconductance
1
gfs
VDS = 15V, ID = 10A
38
S
G : GATE
D : DRAIN
S : SOURCE
PRODUCT SUMMARY
V(BR)DSS
RDS(ON)
ID
30
11mΩ
11A
G
D
S


Similar Part No. - P1103BVG

ManufacturerPart #DatasheetDescription
logo
Wuxi U-NIKC Semiconduct...
P1103BVG UNIKC-P1103BVG Datasheet
318Kb / 5P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - P1103BVG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com