Electronic Components Datasheet Search
  English  ▼

X  

SK310 Datasheet(PDF) 1 Page - Semikron International

Part # SK310
Description  Schottky barrier rectifiers diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SK310 Datasheet(HTML) 1 Page - Semikron International

  SK310 Datasheet HTML 1Page - Semikron International SK310 Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface mount diode
Schottky barrier rectifiers
diodes
SK 32...SK 310
Forward Current: 3 A
Reverse Voltage: 20 to 100 V
Features
Mechanical Data
1)
2)
3)
4)
Absolute Maximum Ratings
Symbol
Conditions
Values
Units
Characteristics
Symbol
Conditions
Values
Units
Dimensions in mm
SK 32 ... SK 310
1
08-03-2007 MAM
© by SEMIKRON


Similar Part No. - SK310

ManufacturerPart #DatasheetDescription
logo
Surge Components
SK310 SURGE-SK310 Datasheet
80Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes???
logo
Transys Electronics
SK310 TRSYS-SK310 Datasheet
172Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SK310 MCC-SK310 Datasheet
899Kb / 3P
3 Amp Schottky Rectifier 20 to 100 Volts
logo
Diotec Semiconductor
SK310 DIOTEC-SK310 Datasheet
171Kb / 2P
Surface Mount Schottky-Rectifiers
logo
DIOTEC Electronics Corp...
SK310 DEC-SK310 Datasheet
104Kb / 2P
3 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SK310

ManufacturerPart #DatasheetDescription
logo
Semikron International
SB120 SEMIKRON-SB120 Datasheet
127Kb / 2P
Schottky barrier rectifiers diodes
SB320 SEMIKRON-SB320 Datasheet
133Kb / 2P
Schottky barrier rectifiers diodes
1N5817 SEMIKRON-1N5817_07 Datasheet
131Kb / 2P
Schottky barrier rectifiers diodes
SB220 SEMIKRON-SB220_07 Datasheet
133Kb / 2P
Schottky barrier rectifiers diodes
SB320 SEMIKRON-SB320_07 Datasheet
137Kb / 2P
Schottky barrier rectifiers diodes
SM5817 SEMIKRON-SM5817_07 Datasheet
137Kb / 2P
Schottky barrier rectifiers diodes
SK22 SEMIKRON-SK22 Datasheet
146Kb / 2P
Schottky barrier rectifiers diodes
SB1220TL SEMIKRON-SB1220TL Datasheet
381Kb / 2P
Schottky barrier rectifiers diodes
SB2020TL SEMIKRON-SB2020TL Datasheet
366Kb / 2P
Schottky barrier rectifiers diodes
SB3020 SEMIKRON-SB3020 Datasheet
523Kb / 2P
Schottky barrier rectifiers diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com