Electronic Components Datasheet Search
  English  ▼

X  

APE1085P33 Datasheet(PDF) 9 Page - Advanced Power Electronics Corp.

Part # APE1085P33
Description  3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1085P33 Datasheet(HTML) 9 Page - Advanced Power Electronics Corp.

Back Button APE1085P33 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1085P33 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1085P33 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1085P33 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1085P33 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1085P33 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1085P33 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1085P33 Datasheet HTML 9Page - Advanced Power Electronics Corp. APE1085P33 Datasheet HTML 10Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
APE1085
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Advanced Power Electronics Corp.
www.a-power.com.tw
9/1
0
Pb Free Plating Product
(2) TO252-3L
b2
E
e
b
e1
H
SEATING PLANE
L
5.6
2.25
Land Pattern Recommendation (Unit: mm)
1.2
Notes:
1.
JEDEC Outline: TO-252 AB
2.
Mils suggested for positive contact at mounting.
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
2.18
2.29
2.40
0.086
0.090
0.094
A1
0.89
-
1.14
0.035
-
0.045
b
0.61 TYP.
0.024 TYP.
b2
5.20
5.35
5.50
0.205
0.211
0.217
C
0.45
0.52
0.58
0.018
0.020
0.023
C1
0.45
0.52
0.58
0.018
0.020
0.023
D
5.40
5.57
6.20
0.213
0.219
0.244
E
6.35
6.58
6.80
0.250
0.259
0.268
e
2.28 BSC.
0.090 BSC.
e1
4.57 BSC.
0.180 BSC.
H
9.00
9.70
10.40
0.354
0.382
0.409
L
0.51
-
-
0.020
-
-
L1
0.64
0.83
1.02
0.025
0.033
0.040
L2
0.88
-
1.27
0.035
-
0.050
Advanced Power
Electronics Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com