Electronic Components Datasheet Search
  English  ▼

X  

APE1085P Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # APE1085P
Description  3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1085P Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  APE1085P Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1085P Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1085P Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1085P Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1085P Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1085P Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1085P Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1085P Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1085P Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
APE1085
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Advanced Power Electronics Corp.
www.a-power.com.tw
2/1
0
Pb Free Plating Product
Connection Diagram
TO263
3
2
1
Vin
Vout
Adj (GND)
Tab is Vout
FRONT VIEW
TO252
3
2
1
Vin
Vout
Adj (GND)
Tab is Vout
FRONT VIEW
TO220
Tab is Vout
3
Vin
2
1
Vout
Adj (GND)
FRONT VIEW
Pin Descriptions
Pin No.
Name
I/O
TO263/
252/220
PDIP-8
Function
Adj
(GND)
I
1
1
Adjustable (Ground only for fixed mode)
A resistor divider from this pin to the Vout pin and ground sets the
output voltage. (Ground only for Fixed-Mode)
Vout
O
2
2/3/5/6/
7/8
The output of the regulator. A minimum of 10uF (0.15Ω ≤ ESR ≤
20Ω) capacitor must be connected from this pin to ground to insure
stability.
Vin
I
3
4
The input pin of regulator. Typically a large storage capacitor (0.15Ω
≤ ESR ≤ 20Ω) is connected from this pin to ground to insure that the
input voltage does not sag below the minimum dropout voltage
during the load transient response. This pin must always be 1.4V
(1.3V) higher than Vout in order for the device to regulate properly.
Advanced Power
Electronics Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com