Electronic Components Datasheet Search
  English  ▼

X  

D15 Datasheet(PDF) 2 Page - SOVICO corp.

Part # D15
Description  Premium Point Source
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

D15 Datasheet(HTML) 2 Page - SOVICO corp.

  D15 Datasheet HTML 1Page - SOVICO corp. D15 Datasheet HTML 2Page - SOVICO corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions
DATA SHEET
D15
2
456(18)
240(9.4)
28˚
451(17.8)
※ 본 규격및성능은예고 없이당사 사정에 따라일부 약간변동이있을 수 있습니다.
2020.11
451(W) x 690(H) x 456(D) mm
17.8(W) x 27.2(H) x 18(D) inch
565(W) x 818(H) x 565(D) mm
22.2(W) x 32.2(H) x 22.2(D) inch
Net: 22.5kg / Shipping: 26.8kg
Net: 49.6lb / Shipping: 59.1lb
Net Dimension
Shipping Dimension
Weight (Net / Shipping)
1. RMS measured with 1 kHz Sine signal for 2 hours.
2. Measured at 1m. 1W is based on 2.83V(RMS voltage)@8.
D15
Frequency Response
Sensitivity
40Hz ~ 18kHz (±3dB)
97dB
127.4dB
1EA x 15” driver
1EA x 1” driver
B&C Manufactured
B&C Manufactured
Nominal impedance: 8Ω
Nominal impedance: 8Ω
Voice coil diameter : 76mm(3”)
Voice coil diameter : 44mm(1.7”)
90°H x 60°V (Rotatable)
920W
460W
All Birch plywood (15mm)
Waterborne, black half-matt
1.5mm metal grille backed with black acoustic foam
2 x NL4
M8 Suspension points
Maximum SPL
Low Frequency
High Frequency
AES
Program power
Output
Power
Dispersion
Enclosure
Finish
Grill
Connectors
Fitting



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com