Electronic Components Datasheet Search
  English  ▼

X  

385AR Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # 385AR
Description  Multifunction, Multi Range Timer Counter
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

385AR Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  385AR Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
116
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Multifunction, Multi Range
Timer Counter
TERMINAL CONNECTIONS
• Dual Display, 4 digit, 7 segment LED
• LED Status Indicator: Relay 1, Relay 2, Seconds,
Minutes, Hours
• 2 Setpoints
• Programmable Input Scaling
• Down Counting for Timer,
Up/Down Counting for Counter
• Batch Counting
SPECIFICATIONS
SENSOR TYPE
NPN / PNP
INPUT TYPE
Voltage pulse (3 to 30 V DC) from Proximity
switches, Solid state devices, Potential free
contact encoder
INPUT SPEED
a) 3Hz, b) 30Hz, c) 5kHz
ACCURACY
Timer: ±0.05% of setting
Counter: ± 0 counts
SCALE FACTOR
0.001 to 9.999 x 10"
n= -3, -2, -1, 0, 1, 2
RESET
Front, Remote, Power Interruption
SENSOR SUPPLY Built-in, 12V DC, 30mA (short circuit protected)
OUTPUT
2 SPST (2 NO)
RELAY RATING
5A @ 230V AC
OPERATING
Timer: ON delay, Interval, Cyclic ON first,
MODES
Cyclic OFF first, Batch
Counter: ON delay, Interval, Auto reset,
Time pulse Repeat, Batch
RANGE
Timer:
0-99.99
0-99.59
0-999.9
Counter: -999 to 9999 counts
COUNTING
Timer: Down
DIRECTION
Counter: Up / down
MEMORY
Yes
RETENTION
SUPPLY VOLTAGE 85 to 270V AC/DC (50 / 60Hz)
POWER
5VA max
CONSUMPTION
TEMPERATURE/ Operating: 0 to 50°C
HUMIDITY
Storage: -20 to 75°C, 95% RH
(NON-CONDENSING)
WEIGHT
6 oz.
PROTECTION
IP65 for faceplate
LEVEL
DIMENSIONS (MILLIMETERS)
46mm
100mm
10mm
48mm
46mm
100mm
10mm
48mm
ORDERING INFORMATION
PART NO.
SUPPLY VOLTAGE
385AR-100-T5X
85 to 270V AC/DC
24V AC/DC Model Available:
Please Consult Factory
1
L (+)
+
–
+
–
(-) N
RST
STRT
GND
COM2
Cable Size (AWG): 13; Stud Hole for Lug (inch): 0.137 ; Tightening Torque (Lb-inch): 7
COM1
NO2
NO1
+12V
2
3
4
5
15 10
14 9
13 8
12 7
11 6
E339488
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - 385AR

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
385A ATC-385A Datasheet
450Kb / 4P
Timer/Counter with Memory
385A500Q50PK ATC-385A500Q50PK Datasheet
450Kb / 4P
Timer/Counter with Memory
385A500Q50PX ATC-385A500Q50PX Datasheet
450Kb / 4P
Timer/Counter with Memory
logo
RUBYCON CORPORATION
385AXF100M30X20 RUBYCON-385AXF100M30X20 Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
385AXF120M30X20 RUBYCON-385AXF120M30X20 Datasheet
56Kb / 2P
LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 385AR

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2102B TEMIC-U2102B Datasheet
205Kb / 16P
Multifunction Timer
logo
Panasonic Semiconductor
PM4HS-H-AC240V PANASONIC-PM4HS-H-AC240V Datasheet
726Kb / 24P
MULTI-RANGE ANALOG TIMER
logo
ATMEL Corporation
ATAR892-C ATMEL-ATAR892-C_14 Datasheet
1Mb / 108P
Multifunction Timer/Counter with
ATAR890 ATMEL-ATAR890_14 Datasheet
913Kb / 75P
Multifunction Timer/Counter with
logo
Omron Electronics LLC
H7BX OMRON-H7BX Datasheet
3Mb / 27P
Multifunction Counter
logo
SELEC Controls Pvt. Ltd
XC1200 SELEC-XC1200 Datasheet
161Kb / 1P
Multifunction Counter
XT246 SELEC-XT246 Datasheet
571Kb / 2P
Multifunction Timer
XT346 SELEC-XT346 Datasheet
574Kb / 2P
Multifunction Timer
XT5042 SELEC-XT5042 Datasheet
158Kb / 2P
Multifunction Timer
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
Multifunction, Multi - Range Timer Counter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com