Electronic Components Datasheet Search
  English  ▼

X  

TPCF8001 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCF8001
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8001 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCF8001 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8001 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8001 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8001 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8001 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8001 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8001 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TPCF8001
2007-01-16
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
TPCF8001
Notebook PC Applications
Portable Equipment Applications
• Low drain-source ON resistance: RDS (ON) = 19 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 8 S (typ.)
• Low leakage current: IDSS = 10 μA (max.) (VDS = 30 V)
• Enhancement mode: Vth = 1.3 to 2.5 V
(VDS = 10 V, ID = 1mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
30
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
30
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
7
Drain current
Pulse
(Note 1)
IDP
28
A
Drain power dissipation
(t
= 5 s)
(Note 2a)
PD
2.5
W
Drain power dissipation
(t
= 5 s)
(Note 2b)
PD
0.7
W
Single-pulse avalanche energy(Note 3)
EAS
8
mJ
Avalanche current
IAR
3.5
A
Repetitive avalanche energy
(Note 4)
EAR
0.25
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: For Notes 1 to 5, refer to the next page
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-3U1A
Weight: 0.011 g (typ.)
Circuit Configuration
8
6
1
2
3
7
5
4


Similar Part No. - TPCF8001

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCF8002 TOSHIBA-TPCF8002 Datasheet
236Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPCF8002 TOSHIBA-TPCF8002 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
TPCF8003 TOSHIBA-TPCF8003 Datasheet
238Kb / 7P
notebook PC Applications Portable Equipment Applications
TPCF8003 TOSHIBA-TPCF8003 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
TPCF8004 TOSHIBA-TPCF8004 Datasheet
234Kb / 9P
Lithium-Ion Secondary Batteries
More results

Similar Description - TPCF8001

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8110 TOSHIBA-TPC8110 Datasheet
406Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPC8210 TOSHIBA-TPC8210 Datasheet
229Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
18-Feb-2003
TPC8211 TOSHIBA-TPC8211 Datasheet
171Kb / 4P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
18-Feb-2003
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
26-Sep-2003
TPC8014 TOSHIBA-TPC8014 Datasheet
213Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
06-Jul-2004
TPCF8102 TOSHIBA-TPCF8102_07 Datasheet
212Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8201 TOSHIBA-TPCF8201_07 Datasheet
232Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
16-Jan-2007
TPCF8301 TOSHIBA-TPCF8301_07 Datasheet
196Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
16-Nov-2006
TPCP8201 TOSHIBA-TPCP8201_07 Datasheet
250Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
16-Jan-2007
SSM3K15AFU TOSHIBA-SSM3K15AFU Datasheet
236Kb / 5P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com