Electronic Components Datasheet Search
  English  ▼

X  

TSD Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # TSD
Description  OFF-Delay Solid-State Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

TSD Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  TSD Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
93
Automatic Timing & Controls
800.727.5646
atcdiversified.com
OFF-Delay Solid-State Output
OPERATION
WIRING
DIMENSIONS (INCHES)
Voltage is continuously applied to the input. An external isolated switch
controls the timer. When closed, the load energizes. Opening the switch
initiates the delay period. Upon completion of the delay period, the load
de-energizes. If the control switch recloses during the delay period, the
load remains energized and the timer resets to zero.
MODEL NUMBER
SPECIFICATIONS
SUPPLY
VOLTAGE
OUTPUT
TIME DELAY
CONTROL
SWITCH
MODEL NUMBER
TSD
A
C
SUPPLY VOLTAGE
120 VAC
120
240 VAC
240
TYPE OF OPERATION
Fixed
F
External Resistor Adjustable;
R
See page 82 for standard ranges available
DELAY PERIOD
Example: TSD-120-ARC-200—Delay on Release, 120 VAC, external
resistor adjustable from 2 to 200 seconds, UL recognized.
TIMING
Virtually unlimited.
RANGES
See page 77 for standard ranges available.
OUTPUT
Solid-state, SPST-N.O. 1 amp resistive;
RATING
1 amp 25VA @ 24VAC
1 amp 125VA @ 120VAC
.5 amp 125VA @ 240 VAC
TIMING
Minimum Setting
+0 – 20%
TOLERANCES
Maximum Setting
±10%
REPEATABILITY 1% maximum; no first cycle effect
RESET TIMES
Before Time Out
100 mSEC
After Time Out
50 mSEC
RECYCLE TIME
40 mSEC
SUPPLY VOLTAGE 120 or 240 VAC, 50/60 Hz;±10%
FALSE TRANSFER No
ENCLOSURE
Surface mounted; totally encapsulated with a
high quality epoxy for environmental protection.
TEMPERATURE
Operate
32° to 131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
TERMINATIONS 1/4" quick disconnect terminals
WEIGHT
NET: 1.28 oz. Shipping: 1.6 oz.
E55826
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - TSD

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TSD FENGJUI-TSD Datasheet
299Kb / 4P
SMD POWER INDUCTOR-RoHS
logo
Transko Electronics, In...
TSD TRANSKO-TSD Datasheet
286Kb / 1P
HCMOS OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.1: 08-28-2020
logo
PHOENIX CONTACT
TSD-02-SAC PHOENIX-TSD-02-SAC Datasheet
52Kb / 3P
Torque screwdriver, with preset torque of 0.2 Nm and 4 mm hexagonal drive for M8 connectors
TSD-04-SAC PHOENIX-TSD-04-SAC Datasheet
53Kb / 3P
Wide range of SAC... nuts for various different applications
TSD-08-SAC PHOENIX-TSD-08-SAC Datasheet
52Kb / 2P
For the TSD-M... torque screwdrivers, the torque can be custom-set
More results

Similar Description - TSD

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQV213H COSMO-KAQV213H Datasheet
209Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQV216H COSMO-KAQV216H Datasheet
209Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQV414H COSMO-KAQV414H Datasheet
208Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQY210BH COSMO-KAQY210BH Datasheet
195Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQY214H COSMO-KAQY214H Datasheet
196Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQY217H COSMO-KAQY217H Datasheet
194Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
logo
Micropac Industries
53507 MICROPAC-53507 Datasheet
180Kb / 9P
SELECTABLE OUTPUT SOLID STATE
logo
Schneider Electric
RE17LCBM SCHNEIDER-RE17LCBM Datasheet
141Kb / 8P
Harmony, Modular timing relay, 0.7 A, 1 s..100 h, off delay, solid state output, 24...240 V AC
Aug 25, 2021
logo
Littelfuse
T10 LITTELFUSE-T10 Datasheet
177Kb / 1P
Solid-State On-Delay Timer
2019 Rev: 2-B-043019
TDU LITTELFUSE-TDU Datasheet
465Kb / 2P
Encapsulated Solid-State,Delay-on-Make Timers
2016 Rev: 1-A-062116
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com