Electronic Components Datasheet Search
  English  ▼

X  

TSH Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # TSH
Description  Delayed Interval Solid-State Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

TSH Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  TSH Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
97
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Delayed Interval Solid-State Output
OPERATION
Application of voltage to the input of the timer initiates the OFF time.
Upon completion of the OFF time, the load energizes and the ON time
begins. Upon completion of the ON time, the load de-energizes and the
cycle is complete. Reset during or after the time periods is accomplished
by removal of the input voltage. The OFF/ON time periods are
independently adjustable.
WIRING
DIMENSIONS (INCHES)
MODEL NUMBER
MODEL NUMBER
TSH
A
C
SUPPLY VOLTAGE
24 VAC
24
120 VAC
120
240 VAC
240
TYPE OF OPERATION
Fixed
F
External Resistor Adjustable;
R
See page 82 for resistor selection.
DELAY PERIOD
See page 82 for standard ranges available
Example: TSH-120-AFC-015—Delayed interval, 120 VAC, both delays
fixed at 15 seconds, UL recognized.
SPECIFICATIONS
TIMING
Virtually unlimited.
RANGES
See page 77 for standard ranges available.
OUTPUT
Solid-state, SPST-N.O. 1 amp resistive;
RATING
1 amp 25VA @ 24VAC
1 amp 125VA @ 120VAC
.5 amp 125VA @ 240 VAC
TIMING
Minimum Setting
+0 – 20%
TOLERANCES
Maximum Setting
±10%
REPEATABILITY 1% maximum; no first cycle effect
RESET TIMES
Before Time Out
100 mSEC
After Time Out
50 mSEC
RECYCLE TIME
40 mSEC
SUPPLY VOLTAGE 24, 120, or 240 VAC, 50/60 Hz; ±10%
FALSE TRANSFER No
ENCLOSURE
Surface mounted; totally encapsulated with a
high quality epoxy for environmental protection.
TEMPERATURE
Operate
32° to 131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
TERMINATIONS 1/4" quick disconnect terminals
WEIGHT
NET: .96 oz Shipping: 1.28 oz.
SUPPLY
VOLTAGE
OUTPUT
T1
T2
E55826
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - TSH

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TSH TRACOPOWER-TSH Datasheet
458Kb / 5P
DC/DC Converters TSH Series, 2 Watt
Rev. August 3, 2022
logo
Samtec, Inc
TSH SAMTEC-TSH Datasheet
240Kb / 1P
(2.00 mm) .0787" PITCH
Rev 17AUG21
logo
Phoenix Mecano S.E. Asi...
TSH 35 BOPLA-TSH 35 Datasheet
2Mb / 22P
Cable glands / General Accessories
TSH 35 AL - 100 BOPLA-TSH 35 AL - 100 Datasheet
2Mb / 22P
Cable glands / General Accessories
TSH 35 AL - 50 BOPLA-TSH 35 AL - 50 Datasheet
2Mb / 22P
Cable glands / General Accessories
More results

Similar Description - TSH

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQV213H COSMO-KAQV213H Datasheet
209Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQV216H COSMO-KAQV216H Datasheet
209Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQV414H COSMO-KAQV414H Datasheet
208Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQY210BH COSMO-KAQY210BH Datasheet
195Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQY210H COSMO-KAQY210H Datasheet
195Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQY214H COSMO-KAQY214H Datasheet
196Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQY217H COSMO-KAQY217H Datasheet
194Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
KAQY414H COSMO-KAQY414H Datasheet
196Kb / 7P
SOLID STATE RELAY - MOSFET OUTPUT
logo
Solid State Optronic
SMQ4110 SSOUSA-SMQ4110 Datasheet
407Kb / 8P
MOSFET Output Solid State Relay
logo
Micropac Industries
53507 MICROPAC-53507 Datasheet
180Kb / 9P
SELECTABLE OUTPUT SOLID STATE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com