Electronic Components Datasheet Search
  English  ▼

X  

FS5KM-18A Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # FS5KM-18A
Description  Nch POWER MOSFET HIGH-SPEED SWITCHING USE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FS5KM-18A Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  FS5KM-18A Datasheet HTML 1Page - Powerex Power Semiconductors FS5KM-18A Datasheet HTML 2Page - Powerex Power Semiconductors FS5KM-18A Datasheet HTML 3Page - Powerex Power Semiconductors FS5KM-18A Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feb.1999
900
±30
5
15
30
–55 ~ +150
–55 ~ +150
2000
2
V
V
A
A
W
°C
°C
Vrms
g
VDSS
VGSS
ID
IDM
PD
Tch
Tstg
Viso
—
¡VDSS ................................................................................900V
¡rDS (ON) (MAX) ................................................................ 2.8
Ω
¡ID ............................................................................................ 5A
¡Viso ................................................................................ 2000V
FS5KM-18A
MITSUBISHI Nch POWER MOSFET
FS5KM-18A
HIGH-SPEED SWITCHING USE
OUTLINE DRAWING
Dimensions in mm
TO-220FN
APPLICATION
SMPS, DC-DC Converter, battery charger, power
supply of printer, copier, HDD, FDD, TV, VCR, per-
sonal computer etc.
Drain-source voltage
Gate-source voltage
Drain current
Drain current (Pulsed)
Maximum power dissipation
Channel temperature
Storage temperature
Isolation voltage
Weight
VGS = 0V
VDS = 0V
AC for 1minute, Terminal to case
Typical value
MAXIMUM RATINGS (Tc = 25
°C)
Parameter
Conditions
Symbol
Ratings
Unit
w
q
e
10 ± 0.3
2.8 ± 0.2
φ 3.2 ± 0.2
1.1 ± 0.2
1.1 ± 0.2
0.75 ± 0.15
2.54 ± 0.25
2.54 ± 0.25
0.75 ± 0.15
12 3
q GATE
w DRAIN
e SOURCE


Similar Part No. - FS5KM-18A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS5KM-18A MITSUBISHI-FS5KM-18A Datasheet
44Kb / 4P
HIGH-SPEED SWITCHING USE
logo
Inchange Semiconductor ...
FS5KM-18A ISC-FS5KM-18A Datasheet
280Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - FS5KM-18A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FK16KM-6 POWEREX-FK16KM-6 Datasheet
62Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FK16VS-6 POWEREX-FK16VS-6 Datasheet
56Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FK18SM-10 POWEREX-FK18SM-10 Datasheet
60Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FK18SM-9 POWEREX-FK18SM-9 Datasheet
59Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FK20SM-6 POWEREX-FK20SM-6 Datasheet
59Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FK7VS-12 POWEREX-FK7VS-12 Datasheet
57Kb / 5P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS100KMJ-03 POWEREX-FS100KMJ-03 Datasheet
47Kb / 4P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10AS-3 POWEREX-FS10AS-3 Datasheet
42Kb / 4P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10ASJ-03 POWEREX-FS10ASJ-03 Datasheet
43Kb / 4P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10ASJ-3 POWEREX-FS10ASJ-3 Datasheet
42Kb / 4P
Nch POWER MOSFET HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com