Electronic Components Datasheet Search
  English  ▼

X  

MIC2287C Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2287C
Description  1.2MHz PWM White LED Driver with OVP in 2mm 횞 2mm MLF??and Thin SOT-23
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2287C Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2287C Datasheet HTML 1Page - Micrel Semiconductor MIC2287C Datasheet HTML 2Page - Micrel Semiconductor MIC2287C Datasheet HTML 3Page - Micrel Semiconductor MIC2287C Datasheet HTML 4Page - Micrel Semiconductor MIC2287C Datasheet HTML 5Page - Micrel Semiconductor MIC2287C Datasheet HTML 6Page - Micrel Semiconductor MIC2287C Datasheet HTML 7Page - Micrel Semiconductor MIC2287C Datasheet HTML 8Page - Micrel Semiconductor MIC2287C Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
February 2006
5
M0510-020906
MIC2287C
Micrel
Functional Description
The MIC2287C is a constant frequency, PWM current mode
boost regulator. The block diagram is shown above. The
MIC2287C is composed of an oscillator, slope compensation
ramp generator, current amplifier, gm error amplifier, PWM
generator, and a 500mA bipolar output transistor. The oscil-
lator generates a 1.2MHz clock. The clock’s two functions
are to trigger the PWM generator that turns on the output
transistor and to reset the slope compensation ramp genera-
tor. The current amplifier is used to measure the switch cur-
rent by amplifying the voltage signal from the internal sense
resistor. The output of the current amplifier is summed with
the output of the slope compensation ramp generator. This
summed current-loop signal is fed to one of the inputs of the
PWM generator.
The gm error amplifier measures the LED current through the
Functional Diagram
GND
VREF
PWM
Generator
Ramp
Generator
1.2MHz
Oscillator
SW
EN
FB
OVP*
VIN
95mV
*OVP available on MLFTM package option only
gm
OVP*
MIC2287C Block Diagram
external sense resistor and amplifies the error between the
detected signal and the 95mV reference voltage. The output
of the gm error amplifier provides the voltage-loop signal
that is fed to the other input of the PWM generator. When
the current-loop signal exceeds the voltage-loop signal, the
PWM generator turns off the bipolar output transistor. The
next clock period initiates the next switching cycle, maintain-
ing the constant frequency current-mode PWM control. The
LED is set by the feedback resistor:
ILED =
95mv
RFB
The Enable pin shuts down the output switching and disables
control circuitry to reduce input current-to-leakage levels.
Enable pin input current is zero at zero volts.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com