Electronic Components Datasheet Search
  English  ▼

X  

MIC22600 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC22600
Description  1MHz 6A Integrated Switch Synchronous Buck Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22600 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC22600 Datasheet HTML 9Page - Micrel Semiconductor MIC22600 Datasheet HTML 10Page - Micrel Semiconductor MIC22600 Datasheet HTML 11Page - Micrel Semiconductor MIC22600 Datasheet HTML 12Page - Micrel Semiconductor MIC22600 Datasheet HTML 13Page - Micrel Semiconductor MIC22600 Datasheet HTML 14Page - Micrel Semiconductor MIC22600 Datasheet HTML 15Page - Micrel Semiconductor MIC22600 Datasheet HTML 16Page - Micrel Semiconductor MIC22600 Datasheet HTML 17Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Micrel, Inc.
MIC22600
September 2007
15
M9999-092007-A
An alternative method here shows an example of a VDDQ
& VTT solution for a DDR memory power supply. Note
that POR is taken from Vo1 as POR2 will not go high.
This is because POR is set high when FB > 0.9
⋅VREF. In
this example, FB2 is regulated to ½⋅VREF.
Current Limit
The MIC22600 is protected against overload in two
stages. The first is to limit the current in the P-channel
switch; the second is over temperature shutdown.
Current is limited by measuring the current through the
high side MOSFET during its power stroke and
immediately switching off the driver when the preset limit
is exceeded.
The circuit in Figure 4 describes the operation of the
current limit circuit. Since the actual RDSON of the P-
Channel MOSFET varies part-to-part, over temperature
and with input voltage, simple IR voltage detection is not
employed. Instead, a smaller copy of the Power
MOSFET (Reference FET) is fed with a constant current
which is a directly proportional to the factory set current
limit. This sets the current limit as a current ratio and
thus, is not dependant upon the RDSON value. Current
limit is set to 9A nominal. Variations in the scale factor K
between the Power PFET and the reference PFET used
to generate the limit threshold account for a relatively
small inaccuracy.
Figure 4. Current Limit Detail
Thermal Considerations
The MIC22600 is packaged in the MLF
® 4mm x 4mm, a
package that has excellent thermal performance
equaling that of the larger TSSOP packages. This
maximizes heat transfer from the junction to the exposed
pad (ePAD) which connects to the ground plane. The
size of the ground plane attached to the exposed pad
determines the overall thermal resistance from the
junction to the ambient air surrounding the printed circuit
board. The junction temperature for a given ambient
temperature can be calculated using:
TJ = TAMB + PDISS · RθJA
Where
•
PDISS is the power dissipated within the MLF
®
package and is typically 1.5W at 6A load. This
has been calculated for a 1µH inductor and
details can be found in table 1 below for
reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com