Electronic Components Datasheet Search
  English  ▼

X  

CD74HC4002M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4002M
Description  High-Speed CMOS Logic Dual 4-Input NOR Gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4002M Datasheet(HTML) 1 Page - Texas Instruments

  CD74HC4002M Datasheet HTML 1Page - Texas Instruments CD74HC4002M Datasheet HTML 2Page - Texas Instruments CD74HC4002M Datasheet HTML 3Page - Texas Instruments CD74HC4002M Datasheet HTML 4Page - Texas Instruments CD74HC4002M Datasheet HTML 5Page - Texas Instruments CD74HC4002M Datasheet HTML 6Page - Texas Instruments CD74HC4002M Datasheet HTML 7Page - Texas Instruments CD74HC4002M Datasheet HTML 8Page - Texas Instruments CD74HC4002M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS197E
Features
• Typical Propagation Delay = 8ns at VCC = 5V,
CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V
Description
The ’HC4002 logic gate utilizes silicon gate CMOS
technology to achieve operating speeds similar to LSTTL
gates with the low power consumption of standard CMOS
integrated circuits. All devices have the ability to drive 10
LSTTL loads. The ’HC4002 logic family is functional as well
as pin compatible with the standard LS logic family.
Pinout
CD54HC4002
(CERDIP)
CD74HC4002
(PDIP, SOIC, SOP, TSSOP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC4002F3A
-55 to 125
14 Ld CERDIP
CD74HC4002E
-55 to 125
14 Ld PDIP
CD74HC4002M
-55 to 125
14 Ld SOIC
CD74HC4002MT
-55 to 125
14 Ld SOIC
CD74HC4002M96
-55 to 125
14 Ld SOIC
CD74HC4002NSR
-55 to 125
14 Ld SOP
CD74HC4002PW
-55 to 125
14 Ld TSSOP
CD74HC4002PWR
-55 to 125
14 Ld TSSOP
CD74HC4002PWT
-55 to 125
14 Ld TSSOP
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
1Y
1A
1B
1C
1D
NC
GND
VCC
2Y
2D
2C
2B
2A
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
August 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC4002, CD74HC4002
High-Speed CMOS Logic
Dual 4-Input NOR Gate
[ /Title
(CD74H
C4002)
/Subject
(High
Speed
CMOS
Logic
Dual 4-
Input
NOR
Gate)


Similar Part No. - CD74HC4002M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4002M TI-CD74HC4002M Datasheet
36Kb / 5P
High Speed CMOS Logic Dual 4-Input NOR Gate
CD74HC4002M TI-CD74HC4002M Datasheet
337Kb / 12P
High-Speed CMOS Logic Dual 4-Input NOR Gate
CD74HC4002M TI2-CD74HC4002M Datasheet
1Mb / 25P
CDx4HC4002 High-Speed CMOS Logic Dual 4-Input NOR Gate
REVISED FEBRUARY 2022
CD74HC4002M96 TI-CD74HC4002M96 Datasheet
337Kb / 12P
High-Speed CMOS Logic Dual 4-Input NOR Gate
CD74HC4002M96 TI2-CD74HC4002M96 Datasheet
1Mb / 25P
CDx4HC4002 High-Speed CMOS Logic Dual 4-Input NOR Gate
REVISED FEBRUARY 2022
More results

Similar Description - CD74HC4002M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC02 TI-CD74HC02 Datasheet
39Kb / 6P
High Speed CMOS Logic Quad Two-Input NOR Gate
CD74HC27 TI-CD74HC27 Datasheet
43Kb / 7P
High Speed CMOS Logic Triple 3-Input NOR Gate
CD74HC4002 TI-CD74HC4002 Datasheet
36Kb / 5P
High Speed CMOS Logic Dual 4-Input NOR Gate
CD54HC4002 TI-CD54HC4002 Datasheet
337Kb / 12P
High-Speed CMOS Logic Dual 4-Input NOR Gate
CD54HC02 TI-CD54HC02 Datasheet
265Kb / 10P
High-Speed CMOS Logic Quad Two-Input NOR Gate
CD54HC27 TI-CD54HC27 Datasheet
265Kb / 10P
High-Speed CMOS Logic Triple 3-Input NOR Gate
CD54HC02 TI-CD54HC02_06 Datasheet
261Kb / 11P
High-Speed CMOS Logic Quad Two-Input NOR Gate
logo
ELM Technology Corporat...
ELM7SH02XB ELM-TECH-ELM7SH02XB Datasheet
277Kb / 3P
HIGH SPEED CMOS LOGIC IC 2-input NOR gate
logo
Texas Instruments
CD54HC02 TI1-CD54HC02_14 Datasheet
618Kb / 15P
High-Speed CMOS Logic Quad Two-Input NOR Gate
CD54HC27 TI1-CD54HC27_14 Datasheet
612Kb / 14P
High-Speed CMOS Logic Triple 3-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com