Electronic Components Datasheet Search
  English  ▼

X  

LS1205EXD33 Datasheet(PDF) 2 Page - Littelfuse

Part # LS1205EXD33
Description  18V, 5A eFuse with Programmable Current Limit and Output Voltage Clamp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LS1205EXD33 Datasheet(HTML) 2 Page - Littelfuse

  LS1205EXD33 Datasheet HTML 1Page - Littelfuse LS1205EXD33 Datasheet HTML 2Page - Littelfuse LS1205EXD33 Datasheet HTML 3Page - Littelfuse LS1205EXD33 Datasheet HTML 4Page - Littelfuse LS1205EXD33 Datasheet HTML 5Page - Littelfuse LS1205EXD33 Datasheet HTML 6Page - Littelfuse LS1205EXD33 Datasheet HTML 7Page - Littelfuse LS1205EXD33 Datasheet HTML 8Page - Littelfuse LS1205EXD33 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Protection IC Datasheet
© 2024 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: GD. 03/22/24
LS1205ExD33 Series
18V, 5A eFuse with Programmable Current Limit and Output Voltage Clamp
Absolute Maximum Rating (Reference to GND)
Notes:
1. Stress exceeding those listed “Absolute Maximum Ratings” may damage the device.
2. ESD HBM testing per JESD22-A114F
Symbol
Value
Units
VIN, EN, VCP, FAULT\
-0.3 to +20
V
The other Pins
-0.3 to +6.5
V
ESD, Human Body Model (HBM)
±2000
V
Junction Temperature Range
-40 to +125
°C
Storage Temperature Range
-65 to +125
°C
Lead Temperature (Soldering 10s)
260
°C
Recommend Operating Conditions
Symbol
Value
Units
Input Voltage (V
IN)
+2.7 to +18
V
Junction Temperature Range
+125
°C
Notes: The device is not guaranteed to function outside of the recommended operating conditions.
Symbol
Value
Units
Maximum Power Dissipation (T
A=25°C )
1.89
W
Thermal Resistance (
θ
JA)
53
°C/W
Thermal Resistance (
θ
JC)
25
°C/W
Notes:
1. Measured on JESD51-7, 4-Layer PCB.
2. The maximum allowable power dissipation is a function of the maximum junction temperature T
J_MAX,
the junction to ambient thermal resistance
θ
JA, and the ambient temperature TA. The maximum allowable
continuous power dissipation at any ambient temperature is calculated by P
D_MAX= (TJ_MAX-TA)/θJA. Exceeding
the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into
thermal shutdown. Internal thermal shutdown circuitry protects the device from permanent damage.
Thermal information
Soft -start
UVLO
Charge
Pump
IN
SS
EN
GND
or
Thermal
Detect
Current
Limit
VOUT
Clamping
Driver
OUT
ILIM
VCP
2µA
SWEN
Discharge
C ontrol
120Ω
Soft -start
UVLO
Charge
Pump
IN
SS
EN
GND
or
Thermal
Detect
Current Limit &
Short protection
VOUT Clamping
Driver
OUT
ILIM
FAULT\
2µA
SWEN
VCP
Discharge
control
120Ω
LS1205EV
LS1205EF
Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com