Electronic Components Datasheet Search
  English  ▼

X  

TPCP8507 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPCP8507
Description  High-Speed Switching Applications DC/DC Converters
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8507 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPCP8507 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8507 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8507 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8507 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8507 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TPCP8507
2006-11-13
2
Figure 1. Circuit configuration (top view)
Figure 2. Marking (Note 4)
Note 4:
on lower left of the marking indicates Pin 1.
* Weekly code: (Three digits)
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cutoff current
ICBO
VCB = 180 V, IE = 0
⎯
⎯
100
nA
Emitter cutoff current
IEBO
VEB = 7 V, IC = 0
⎯
⎯
100
nA
Collector-emitter breakdown voltage
V (BR) CBO
IC = 1 mA, IB = 0
180
⎯
⎯
V
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
120
⎯
⎯
V
hFE(1)
VCE = 2 V, IC = 0.1A
120
⎯
300
DC current gain
hFE(2)
VCE = 2 V, IC = 0.3A
60
⎯
⎯
Collector-emitter saturation voltage
VCE (sat)
IC = 0.3 A, IB = 0.01A
⎯
⎯
0.14
V
Base-emitter saturation voltage
VBE (sat)
IC = 0.3 A, IB = 0.01A
⎯
⎯
1.1
V
Storage time
tr
⎯
0.1
⎯
Storage time
tstg
⎯
1.5
⎯
Switching time
Fall time
tf
See Figure 3 circuit diagram.
VCC ≅ 72 V, RL = 240 Ω
IB1
= −IB2 = 10mA
⎯
0.2
⎯
μs
Figure 3. Switching Time Test Circuit & Timing Chart
Duty cycle
< 1 %
IB1
IB2
IN
OUT
VCC
IB1
20
μs
IB2
1  2  3  4
8  7  6   5
Week of manufacture
(01 for first week of year, continues up to 52 or 53)
Year of manufacture
(One low-order digits of calendar year)
*
Type
8507
8
7
6
5
1
2
3
4
Lot No.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com