Electronic Components Datasheet Search
  English  ▼

X  

C5331 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # C5331
Description  Operates an APD with single 5 V supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C5331 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  C5331 Datasheet HTML 1Page - Hamamatsu Corporation C5331 Datasheet HTML 2Page - Hamamatsu Corporation C5331 Datasheet HTML 3Page - Hamamatsu Corporation C5331 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2007 Hamamatsu Photonics K.K.
APD module
C5331 series
Cat. No. KACC1007E05
Sept. 2007 DN
a
b
50
Type No.
ab
c
d
e
(2 ×) M3
3.7
9.0
Tolerance unless otherwise noted: ±0.2
C5331
C5331-01
C5331-02
C5331-03
C5331-04
C5331-05
C5331-11
C5331-12
C5331-13
8.2 ± 0.1
4.7 ± 0.1
4.7 ± 0.1
4.7 ± 0.1
8.1 ± 0.1
12.35 ± 0.1
4.7 ± 0.1
8.1 ± 0.1
12.35 ± 0.1
POWER SUPPLY CONNECTOR (WITH CABLE)
(MOLEX 5484-02A)
1 ... +5 V
2 ... GND
SHIELD CASE
PHOTOSENSITIVE
SURFACE
45.0
(4 ×) 3.2
12
e
20
35
6.2
16
25
40
8.6
20
20
35
6.2
16
25
40
8.6
20
BNC CONNECTOR
FOR SIGNAL OUTPUT
KACCA0013EC
s
s
s
s
s Dimensional outlines (unit: mm)
(1) A high voltage power supply is used in this product. Do not remove insulating material potted on the board
to prevent possible danger.
(2) Be sure to terminate the output with 50
Ω when using this product.
KACCA0093E
20.0
35.0
50
M8 × 0.75
(2 ×) M3
3.7
9.0
Tolerance unless otherwise noted: ±0.2
POWER SUPPLY CONNECTOR (WITH CABLE)
(MOLEX 5484-02A)
1 ... +5 V
2 ... GND
SHIELD CASE
45.0
(4 ×) 3.2
12
FC CONNECTOR
PHOTOSENSITIVE
SURFACE
BNC CONNECTOR
FOR SIGNAL OUTPUT
C5331-31
KACCA0094EA
C5331-30
C5331/-01/-02/-03/-04/-05/-11/-12/-13
KACCA0093EA
s Attachment adapters for FC and SMA connectors
APD module
FC adapter
SMA adapter
C5331-01
A8407-18
A8424-18
C5331-02
A8407-18
A8424-18
C5331-03
A8407-18
A8424-18
C5331-04
A8407-05A
A8424-05A
C5331-05
A8407-08
-
C5331-11
A8407-18
A8424-18
C5331-12
A8407-05A
A8424-05A
C5331-13
A8407-08
-
C5460
A8407-05
A8424-05
C5460-01
A8407-05A
A8424-05A
KACCA0094EA
31, unit: mm)
20.0
35.0
50
(2 ×) M3
3.7
9.0
Tolerance unless otherwise noted: ±0.2
Compatible with GI 50/125 fiber
POWER SUPPLY CONNECTOR (WITH CABLE)
(MOLEX 5484-02A)
1 ... +5 V
2 ... GND
SHIELD CASE
45.0
12
M8 × 0.75
FC TYPE OPTICAL FIBER CONNECTOR
WITH BUILT-IN LENS
(4 ×) 3.2
BNC CONNECTOR
FOR SIGNAL OUTPUT
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com