Electronic Components Datasheet Search
  English  ▼

X  

2908405 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2908405
Description  CAB-MSTB32/2XMC9/18/ 1,0M/C3/S - Interface cable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2908405 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2908405 Datasheet HTML 1Page - PHOENIX CONTACT 2908405 Datasheet HTML 2Page - PHOENIX CONTACT 2908405 Datasheet HTML 3Page - PHOENIX CONTACT 2908405 Datasheet HTML 4Page - PHOENIX CONTACT 2908405 Datasheet HTML 5Page - PHOENIX CONTACT 2908405 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
VIP 16-channel cable for use with Honeywell C300 universal I/O, 18 AWG, 1.0 m long
Your advantages
Splitter cable for connecting two 8-channel VIP base modules to a Honeywell® 16-channel IOTA board assembly
•
#18 AWG halogen-free cable
•
Locking flanges for securing cables to the modules and IOTA
•
Commercial data
Item number
2908405
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
C480
Product key
DK115B
GTIN
4055626685410
Weight per piece (including packing)
22.22 g
Weight per piece (excluding packing)
22.22 g
Customs tariff number
85444290
Country of origin
US
CAB-MSTB32/2XMC9/18/ 1,0M/C3/S - Interface cable
2908405
https://www.phoenixcontact.com/us/products/2908405
Mar 21, 2025, 12:25 AM
Page 1 (6)


Similar Part No. - 2908405

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2908403 PHOENIX-2908403 Datasheet
283Kb / 6P
CAB-MSTB32/2XMC9/18/ 0,4M/C3/S - Interface cable
2908404 PHOENIX-2908404 Datasheet
283Kb / 6P
CAB-MSTB32/2XMC9/18/ 0,5M/C3/S - Interface cable
2908406 PHOENIX-2908406 Datasheet
283Kb / 6P
CAB-MSTB32/2XMC9/18/ 2,0M/C3/S - Interface cable
2908407 PHOENIX-2908407 Datasheet
283Kb / 6P
CAB-MSTB32/2XMC9/18/ 3,0M/C3/S - Interface cable
2908408 PHOENIX-2908408 Datasheet
283Kb / 6P
CAB-MSTB32/2XMC9/18/ 4,0M/C3/S - Interface cable
More results

Similar Description - 2908405

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2901605 PHOENIX-2901605 Datasheet
61Kb / 4P
Round cable - VIP-CAB-FLK14/AXIO/0,14/1,0M
2900123 PHOENIX-2900123 Datasheet
65Kb / 4P
Round cable - VIP-CAB-FLK14/FR/OE/0,14/1,0M
2903395 PHOENIX-2903395 Datasheet
69Kb / 4P
Cable - CABLE-EC56/F/OE/0,34/S/ 1,0M
2903469 PHOENIX-2903469 Datasheet
66Kb / 6P
Cable - CABLE-FCN40/1X50/ 1,0M/IM/MEL
2903477 PHOENIX-2903477 Datasheet
60Kb / 5P
Cable - CABLE-FCN40/1X50/ 1,0M/IP/MEL
2903503 PHOENIX-2903503 Datasheet
69Kb / 6P
Cable - CABLE-FCN40/4X14/ 1,0M/IM/MEL
2904074 PHOENIX-2904074 Datasheet
48Kb / 3P
Cable - CABLE-FLK10/OE/0,14/ 1,0M
2318790 PHOENIX-2318790 Datasheet
82Kb / 5P
Cable - VIP-CAB-FLK40/0,14/1,0M
09/12/2020
logo
Wurth Elektronik GmbH &...
63911415521 WURTH-63911415521 Datasheet
269Kb / 4P
WR-CAB Ribbon Flat Cable
002.002
63911515521 WURTH-63911515521 Datasheet
269Kb / 4P
WR-CAB Ribbon Flat Cable
002.002
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com