Electronic Components Datasheet Search
  English  ▼

X  

405AE Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # 405AE
Description  1/16 DIN ON Delay/Interval Economical Timer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

405AE Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  405AE Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Automatic Timing & Controls
800.727.5646
automatictiming.com
1/16 DIN ON Delay/Interval
Economical Timer
SPECIFICATIONS
OUTPUT CONTACT
SPDT
5A resistive
DELAY MODES
ON Delay / Interval
TIME RANGES
3 / 10 / 30 / 60 SEC / MIN
RELAY RATING
5A @ 230 VAC/24 VDC, resistive
ACCURACY
Setting: ± 5% of full scale.
Repeat: ±0.5% or 50 msec
(whichever is greater).
RESET
On interruption of power.
ON DELAY / TIMING MODES:
The 405AE has a selectable ON-Delay or Interval Mode of operation.
The unit has a SPDT 5A contact output. When in the On-Delay mode,
the contacts transfer at time out. When in the Interval mode, the
contacts transfer when power is applied and released at time out.
1/16 DIN HOUSING:
The 48mm2 housing is compact and IP40 rated front cover. The 405AE
is mounted in an 8-pin round socket (PF083A or OT-08). The 405AE
can also be panel mounted.
The MODE/Range select dip switches are located on the front under a
clear cover.
POWER SUPPLY:
The 405AE is powered by 110 VAC, 24V AC/DC (AC:50/60Hz)
• ON Delay / Interval Mode of Operation
• 8 Timing Ranges
• 110 VAC, 24 VAC/DC Supply Voltage
• LED Status Indicator Power ON, Relay ON
• Compact Size
E339488
MODE AND RANGE SELECTION
DIMENSIONS (MILLIMETERS)
Plug type
79
45
Terminal type
70.5
7
48
Panel cutout
46
46
OPERATING MODE
TERMINAL CONNECTIONS
NC
NO
COM
110V AC
24V
AC/DC
+
–
L
N
1
2
3
4
5
6
7
8
MODEL NUMBER
MODEL NUMBER
405AE
11024 S
110 VAC
24 VAC/DC
On Delay / Interval
Switch setting example:
ON
SW1 SW2 SW3 SW4
Range: 30sec.
Mode : On delay
Dip switch settings for mode selection
MODE AND RANGE SELECTION
SW 1
SW4
OFF
OFF
OFF
OFF
OFF
ON
ON
ON
ON
ON
SW 2
OFF
OFF
ON
ON
OFF
OFF
ON
ON
SW 3
OFF
OFF
OFF
OFF
ON
ON
ON
ON
RANGE
MODE
3 SEC
10 SEC
30 SEC
60 SEC
3 MIN
10 MIN
30 MIN
60 MIN
ON Delay
Interval
Dip switch settings for time range selection


Similar Part No. - 405AE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
405A ETC2-405A Datasheet
68Kb / 4P
Transmission Engineering Data
logo
Automatic Timing & Cont...
405AR ATC-405AR Datasheet
620Kb / 1P
1/16 DIN ON Delay/Interval Timer
405AR100S2X ATC-405AR100S2X Datasheet
620Kb / 1P
1/16 DIN ON Delay/Interval Timer
405AR100S5TX ATC-405AR100S5TX Datasheet
620Kb / 1P
1/16 DIN ON Delay/Interval Timer
405AR100S5X ATC-405AR100S5X Datasheet
620Kb / 1P
1/16 DIN ON Delay/Interval Timer
More results

Similar Description - 405AE

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS82C54 SAMSUNG-KS82C54 Datasheet
953Kb / 15P
PROGRAMMABLE INTERVAL TIMER
logo
List of Unclassifed Man...
EBECT2310H ETC2-EBECT2310H Datasheet
40Kb / 2P
Timers Interval, Delay on Release
logo
Digital Core Design
D8254 DCD-D8254 Datasheet
132Kb / 4P
Programmable Interval Timer
logo
FOTEK CONTROLS CO., LTD...
H5B-M1 FOTEK-H5B-M1 Datasheet
156Kb / 1P
DIN 48X48 ON DELAY TIMER/FLICKER
TM48-M1 FOTEK-TM48-M1 Datasheet
150Kb / 1P
DIN 48X48 FREE POWER ON DELAY TIMER/FLICKER
logo
Littelfuse
HRDI LITTELFUSE-HRDI Datasheet
661Kb / 2P
Interval Timer
2016 Rev: 1-A-062116
KSD1 LITTELFUSE-KSD1 Datasheet
502Kb / 2P
Delay-on-Make Timer
2016 Rev: 1-A-062116
KSD2 LITTELFUSE-KSD2 Datasheet
530Kb / 2P
Interval Timer
2016 Rev: 1-A-062116
TDM LITTELFUSE-TDM Datasheet
332Kb / 2P
Delay-on-Make Timer
2021 Rev: 1-B-030121
CT1S30 LITTELFUSE-CT1S30 Datasheet
422Kb / 2P
Delay-on-Make/Delay-on-Break Timer
Rev: 1-A-062116
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com