Electronic Components Datasheet Search
  English  ▼

X  

409S Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # 409S
Description  Interval Timer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

409S Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  409S Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
19
Interval Timer
The pointer is manually set to the desired time. At the instant the knob
is turned from zero, the switch MS closes and load A is energized. After
the set time has elapsed, the load is de-energized and the timer stops
at zero. There is a terminal connection, (terminal 4) load B, for an end
of cycle light and/or audible signal. A toggle switch can be furnished as
added equipment which allows setting of the time before actuating the
load. This provides a means of more accurate time settings. This toggle
switch (time start and signal stop) will also turn off the end of cycle
signal.
APPLICATIONS: Designed to control an electrical circuit for a set time
upon operation of the manual setting knob which is directly connected
to the switch operating cam. To assure positive setting action, this timer
does not set through a clutch. Calibrated dial settings are available in
ranges from 1 minute to 24 hours. Designed for control of any electri-
cally operated equipment or operation, such as processing machinery,
plastic molding, laundry and dry cleaning machinery, electric ovens and
furnaces, photographic equipment, or wherever accurately timed control
of electrical operation is critical.
OPERATION
DIMENSIONS (INCHES)
WIRING
Series
H
W
D*
DWT
400
4-1/2
2-7/8
2-1/4
1-1/4 lbs.
*Add 3/4" for knob.
3
M
A
B
2
MS
L1
L2
WIRING
TIME RANGES
30, 60 MIN
5 HR
TIMING MODE
Interval
SETTING
Within 0.5% of Full Scale
ACCURACY
OUTPUT
SPDT, 15A, 120 VAC Resistive
MOTOR
120 VAC, 60 Hz.
VOLTAGES
DISPLAY
Dial
TEMPERATURE
32° to 120°F (0° to 50°C)
RATING
TERMINATION
Rear Terminal
Block-Screw
MOUNTING
400 Series: Front Panel
WEIGHT
1.30 lb.
MODEL NUMBER
BASIC TYPE: OPEN UNIT
4
RANGE 0-30 MIN
06
0-60 MIN
07
0-5 HRS
09
VOLTAGE & FREQUENCY
120 VAC, 60 Hz
A
WITHOUT FACE PLATE
S
SPECIFICATIONS
MODEL NUMBER
E104697
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - 409S

ManufacturerPart #DatasheetDescription
logo
3M Electronics
409 3M-409 Datasheet
53Kb / 2P
Detectable Buried Barricade Tapes 400 Series
Jun-2010
logo
Marathon Special Produc...
409 MARATHON-409 Datasheet
597Kb / 3P
Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
TE Connectivity Ltd
409 TEC-409 Datasheet
1Mb / 16P
Passive Components
August 2007
logo
Keystone Electronics Co...
409 KEYSTONE-409 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
TE Connectivity Ltd
409--5843 TEC-409--5843 Datasheet
347Kb / 10P
36- Series and 50- Series Round- Cable SDL Plug Connectors
Rev K
More results

Similar Description - 409S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP8253 TOSHIBA-TMP8253 Datasheet
319Kb / 14P
PROGRAMMABLE INTERVAL TIMER
TMP82C53 TOSHIBA-TMP82C53 Datasheet
326Kb / 15P
PROGRAMMABLE INTERVAL TIMER
TMP82C54 TOSHIBA-TMP82C54 Datasheet
556Kb / 26P
PROGRAMMABLE INTERVAL TIMER
logo
Intel Corporation
8253 INTEL-8253 Datasheet
700Kb / 11P
PROGRAMMABLE INTERVAL TIMER
8254 INTEL-8254 Datasheet
835Kb / 21P
PROGRAMMABLE INTERVAL TIMER
logo
NEC
UPD8253 NEC-UPD8253 Datasheet
419Kb / 11P
PROGRAMMABLE INTERVAL TIMER
logo
Samsung semiconductor
KS82C54 SAMSUNG-KS82C54 Datasheet
953Kb / 15P
PROGRAMMABLE INTERVAL TIMER
logo
Digital Core Design
D8254 DCD-D8254 Datasheet
132Kb / 4P
Programmable Interval Timer
logo
Littelfuse
HRDI LITTELFUSE-HRDI Datasheet
661Kb / 2P
Interval Timer
2016 Rev: 1-A-062116
KSD2 LITTELFUSE-KSD2 Datasheet
530Kb / 2P
Interval Timer
2016 Rev: 1-A-062116
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com