Electronic Components Datasheet Search
  English  ▼

X  

425A Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # 425A
Description  1/16 DIN LED Digital Display Timer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

425A Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  425A Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 425A Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
48
1/16 DIN LED Digital Display Timer
DIGITAL SETTING: The 425 is set digitally by rotating each setting knob
until the desired Time Preset is displayed by the number wheels on the
front of the timer. The digital setting allows exact, accurate and repeat-
able timing cycles.
HIGH ACCURACY: The 425 utilizes a crystal controlled oscillator which
provides 0.1% timing accuracy across all rated voltages and tempera-
tures.
CYCLE PROGRESS INDICATION: The 425 offers the industry’s brightest
green LED display in a 1/16 DIN package. Depending on the Model, the
three-digit LED display will time UP to or DOWN from the Time Preset.
Through its internal micro controller, the 425 keeps track of the time
setting by monitoring each of the three Time Preset switches. When-
ever a change is made in the time preset, even during a cycle, the 425
instantly re-computes and adjusts the current timing cycle.
1/16 DIN HOUSING: The 48mm2 (1/16 DIN) housing is compact, allow-
ing the 425 to be panel mounted or plug-in using an 8-pin octal socket.
The decimal point and SEC/MIN/HRS switches are located on the side of
the unit. When panel mounted, these range switches are not accessible
to the operator. This Tamper-proof feature prevents unauthorized or
hazardous changes to the timing range.
MEMORY OPTION: The 425 can be ordered as standard with an EEPROM
memory. This allows the 425 to retain the elapse time or time remaining
during momentary or sustained power interruptions.
INSTANTANEOUS AND DELAYED RELAY VERSIONS: A version of the
425 is available with one set of SPDT instantaneous contacts and one
set of SPDT delayed contacts.
DELAYED RELAY VERSION: A version of the 425 is available with DPDT
delayed contacts.
MODEL 425A300Q10XX (SPDT INSTANTANEOUS & SPDT DELAYED
RELAYS): Timing starts when power is applied to terminals 2 and 7.
The instantaneous relay energizes, the LED digital display begins to
increment from 0 and the timing LED blinks slowly. When the preset
value is reached, the LED blinks rapidly and the Delayed SPDT relay is
energized. The timer remains in this timed-out condition until reset by
removing power.
MODEL 425A300Q20XX (DPDT DELAYED RELAY): Timing starts when
power is applied to terminals 2 and 7. The LED display begins to incre-
ment from 0 and the timing LED blinks slowly. When the preset value is
reached, the LED stops, the timing LED blinks rapidly and the Delayed
DPDT relay energizes. The timer remains in this timed-out condition until
reset by removing power.
MODEL 425A300Q10MX & MODEL 425A300Q20MX (MEMORY OP-
TION): Operation is same as above; however, units will not reset when
power is removed during the timing cycle. Timers with this option can
only be reset after time-out, or by adjusting the setting knobs to 000
during the timing cycle.
CAUTION: Be advised that the relay(s) will transfer when setting knobs
are adjusted to 000 when power is applied.
• Easy-To-Read High Intensity Green LED Display
• Timing From .01 SEC to 999 Hrs in One Unit
• Switch Selectable Timing Ranges Are Tamper Proof
When Panel Mounted
• Timing LED Indicates Output Relay Status
• Time Preset Can Be Adjusted While Timing
• EEPROM memory Option Standard Feature
• Passes NEMA Showering Arc Noise Test
• Panel Mounting or 8-pin Octal Plug-in mounting
• Timing Up to or Down From the Set Point
MODEL NUMBER
MODEL NUMBER
425A
300
Q
RANGE
0 to 9.99 or 99.9 or
999 SEC,MIN,HR
300
VOLTAGE & FREQUENCY
120 VAC 50/60 Hz
Q
OUTPUT ARRANGEMENT
Instantaneous Relay (SPDT),
Delay Relay (SPDT)
10
Delay Relay (DPDT)
20
MEMORY
Standard-No Memory
X
With Memory (EEPROM
M
FEATURES
Standard (Time Up)
X
Standard (Time Down)
D
Special
K
ACCESSORIES 8-PIN
8-Pin surface/DIN rail socket
000-825-85-00
Hold down clips for above socket
407-025-13-00
Panel mounting bracket
405-320-02-00
Plug-in socket kit (8-pin)
319-261-45-00
8-Pin socket w/rear facing terminals
000-825-90-00
E48329
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com


Similar Part No. - 425A

ManufacturerPart #DatasheetDescription
logo
IDEAL-TEK SA
425A SM IDEAL-TEK-425A SM Datasheet
1Mb / 5P
Scalpels and Blades
logo
Abbatron All Rights Res...
425AA ABBATRON-425AA Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Analog Devices
425ALP3E AD-425ALP3E Datasheet
1Mb / 4P
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 2.2 - 8.0 GHz
logo
Automatic Timing & Cont...
425AR ATC-425AR Datasheet
335Kb / 2P
Multifunction Timer
425AR100T5X ATC-425AR100T5X Datasheet
335Kb / 2P
Multifunction Timer
More results

Similar Description - 425A

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
48PH EXTECH-48PH Datasheet
185Kb / 1P
pH Controller 1/16 DIN
48VTR EXTECH-48VTR Datasheet
233Kb / 14P
1/16 DIN Process Controller
logo
Omron Electronics LLC
H5CL OMRON-H5CL Datasheet
158Kb / 12P
Digital Timer
H3CA-A OMRON-H3CA-A Datasheet
2Mb / 16P
DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
H3CA8DC24 OMRON-H3CA8DC24 Datasheet
1Mb / 16P
DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
logo
SELEC Controls Pvt. Ltd
600DT SELEC-600DT Datasheet
738Kb / 2P
17.5mm Din Rail Timer
600ST SELEC-600ST Datasheet
345Kb / 1P
17.5mm Din Rail Timer
600U SELEC-600U Datasheet
450Kb / 2P
17.5mm Din Rail Timer
800SQ-A SELEC-800SQ-A Datasheet
144Kb / 2P
DIN Rail Timer
800XC SELEC-800XC Datasheet
142Kb / 2P
DIN Rail Timer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com