Electronic Components Datasheet Search
  English  ▼

X  

425AR Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # 425AR
Description  Multifunction Timer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

425AR Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  425AR Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 425AR Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
117
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Multifunction Timer
TERMINAL CONNECTIONS
• Multifunction - 7 Timing Functions
• 9 Time Ranges
• Dual Display, 4 Digit, 7 segment LED
• LED Status Indicator:
Relay Status, Seconds, Minutes, Hours
• 2 Setpoints
• Batch Function
SPECIFICATIONS
START INPUT
Gate/Pulse start (programmable)
ACCURACY
±0.05% of F.S or 50 msec (F.S.=Full Scale)
RESET
Front, Remote,
Power interruption (programmable)
OUTPUT
2 SPST (2 NO)
CONTACT
RELAY RATING 5A @ 230V AC
MODES
ON delay / Interval delay
Cyclic ON first / Cyclic OFF first
Forward-pause-reverse
Instantaneous + delayed Batch
TIME RANGES
0-99.99 sec
0-999.9 sec
0-9999 sec
0-99:59 min:sec,
0-999.9 min
0-9999 min
0-99:59 hr:min,
0-999.9 hr
0-9999 hr
COUNTING
Up/Down
DIRECTION
MEMORY
10 years
CONFIGURATION Password protected
LOCK
SUPPLY VOLTAGE 90 to 270V AC/DC (50/60Hz)
-15% to 10% tolerance
POWER
5VA max.
CONSUMPTION
TEMPERATURE Operating: 0-50°C (32 to 122°F)
Storage: -20 to 75°C (-4 to 167°F)
HUMIDITY
95% RH
(non-condensing)
WEIGHT
6.2 oz.
PROTECTION
IP65 for faceplate
LEVEL
24V AC/DC MODEL AVAILABLE
Please consult factory
DIMENSIONS (INCHES/MILLIMETERS)
46mm
100mm
10mm
48mm
1
L (+)
+
–
+
–
(-) N
RST
STRT
GND
COM2
Cable Size (AWG): 13; Stud Hole for Lug (inch): 0.137 ; Tightening Torque (Lb-inch): 7
COM1
NO2
NO1
+12V
2
3
4
5
15 10
14 9
13 8
12 7
11 6
ORDERING INFORMATION
MODEL NUMBER
SUPPLY VOLTAGE
425AR100T5X
90 to 270 V AC/DC
E339488
DESCRIPTION
Model 425AR digital timer is a multi-function, multi range series.
It comes standard with a 4-digit, 7-segment dual LED display. S
The unit can be set for up/down counting direction and modes of
operation include on-delay, interval, cyclic, forward-pause-reverse,
instantaneous contact and delayed batch. The Model 425AR series
is available in a 1/16 DIN (48 x 48 mm) housing with 2 SPST (NO)
5a @ 230 vac contacts and a supply operating voltage range of 90
to 270 vac/dc (50/60Hz). The 425AR series is UL approved and CE
certified.


Similar Part No. - 425AR

ManufacturerPart #DatasheetDescription
logo
Automatic Timing & Cont...
425A ATC-425A Datasheet
771Kb / 2P
1/16 DIN LED Digital Display Timer
logo
IDEAL-TEK SA
425A SM IDEAL-TEK-425A SM Datasheet
1Mb / 5P
Scalpels and Blades
logo
Automatic Timing & Cont...
425A300Q10MD ATC-425A300Q10MD Datasheet
771Kb / 2P
1/16 DIN LED Digital Display Timer
425A300Q10MK ATC-425A300Q10MK Datasheet
771Kb / 2P
1/16 DIN LED Digital Display Timer
425A300Q10MX ATC-425A300Q10MX Datasheet
771Kb / 2P
1/16 DIN LED Digital Display Timer
More results

Similar Description - 425AR

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2102B TEMIC-U2102B Datasheet
205Kb / 16P
Multifunction Timer
logo
ATMEL Corporation
U2102B ATMEL-U2102B Datasheet
331Kb / 19P
Multifunction Timer IC
ATAR892-C ATMEL-ATAR892-C_14 Datasheet
1Mb / 108P
Multifunction Timer/Counter with
ATAR890 ATMEL-ATAR890_14 Datasheet
913Kb / 75P
Multifunction Timer/Counter with
logo
List of Unclassifed Man...
88220SERIES ETC2-88220SERIES Datasheet
156Kb / 2P
MULTIFUNCTION MOTOR TIMER WITH MEMORY
logo
SELEC Controls Pvt. Ltd
XT246 SELEC-XT246 Datasheet
571Kb / 2P
Multifunction Timer
XT346 SELEC-XT346 Datasheet
574Kb / 2P
Multifunction Timer
XT5042 SELEC-XT5042 Datasheet
158Kb / 2P
Multifunction Timer
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
Multifunction, Multi - Range Timer Counter
logo
FOTEK CONTROLS CO., LTD...
TMP50-2D FOTEK-TMP50-2D Datasheet
775Kb / 4P
Multifunction Digital timer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com