Electronic Components Datasheet Search
  English  ▼

X  

651 Datasheet(PDF) 2 Page - Automatic Timing & Controls, Inc.

Part # 651
Description  Multi-Function Multi-Range Timer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

651 Datasheet(HTML) 2 Page - Automatic Timing & Controls, Inc.

  651 Datasheet HTML 1Page - Automatic Timing & Controls, Inc. 651 Datasheet HTML 2Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
120
SPECIFICATIONS (ALL MODELS)
ORDERING INFORMATION
TIMING
0.001 SEC to 19.999 SEC
RANGES
0.01 SEC to 199.99 SEC
0.1 SEC to 1999.9 SEC
1 SEC to 199 MIN 59 SEC
1 MIN to 199 Hr. 59 MIN
MODE OF
ON-Delay, Reverse Start Delay,
OPERATION
Momentary Start Single Cycle Flip Flop,
Accumulator
TIME SETTING
Front Panel Keypad
TIME REPEAT
±0.005 SEC
ACCURACY
DISPLAY
LCD - 4 1/2 Digit, 7/16" High
RELAY
50,000,000 Operations
MECHANICAL
LIFE
INSTANTANEOUS 7 Amps Resistive, 240 VAC, 2 N.O.
RELAY OUTPUT 2 N.C. Contacts
TIMED RELAY
7 Amps Resistive, 240 VAC, 2 N.O.
OUTPUT
2 N.C. Contacts
TEMPERATURE
32° - 140°F (0° - 60°C)
RATING
OPERATING
120 or 240 VAC, +10%, -20%, 50/60 Hz
POWER
TRANSIENT
Metal Oxide Varistor
VOLTAGE
PROTECTION
NEMA RATING
NEMA 12
TERMINALS
Screw Terminals
MOUNTING
Plug In Case
WEIGHT
Net: 25 oz. Shipping: 30 oz.
MODEL
NUMBER
DESCRIPTION
651-8-5000
Plug-in, Round Case Timer
120 VAC W/Battery Memory
651-8-5001
Plug-in, Round Case Timer
240 VAC W/Battery Memory
651-3-0128
Mounting Gasket, 1/8" Thick
(Included With Timer)
651-3-0129
Mounting Gasket, 1/4" Thick
(Included With Timer)
600-3-3950
Base Mounting Bracket
Replacement lithium batteries - Old ATC Part #652-3-0130 is not
available. Use TADIRAN#TL-5902/S SAFT, #LS14250 or
EAGLE-PICHER #PT-2150 from most electrical distributers.
Automatic Timing & Controls
800.727.5646
atcdiversified.com
Automatic Timing & Controls
800.727.5646
atcdiversified.com
SPECIFICATIONS (651-8-5000 & 651-8-5001)
RESET TIME
8 mSEC
CONTROL
8 mSEC
VOLTAGE
INITIATE TIME
MEMORY
Lithium Battery (Included with unit)
POWER
3.7 VA
CONSUMPTION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com