Electronic Components Datasheet Search
  English  ▼

X  

DPR175A Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # DPR175A
Description  Phase Monitor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

DPR175A Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  DPR175A Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
164
Diversified Electronics
800.727.5646
atcdiversified.com
Diversified Electronics
800.727.5646
atcdiversified.com
Phase Monitor
ACCURACY
±0.5% of F.S. (F.S. = Full Scale)
(TRIP VOLTAGE)
RESET
Auto reset on removal of fault condition
OUTPUT CONTACT SPDT (1 C/O)
CONTACT RATING
N/O:5A@250V AC
N/C:3A@250V AC
PHASE SEQUENCE, Yes
UNDER VOLTAGE
170 to 224V AC
OVER VOLTAGE
236 to 290V AC
TRIP DELAY (T)
0.2 to 10 Sec
POWER ON DELAY 400 msec
ACCURACY
±5% of F.S. (F.S. = Full Scale)
(TRIP TIME)
NOMINAL INPUT
230V AC
VOLTAGE
POWER
8VA max
CONSUMPTION
OPERATING
170 to 290V AC
VOLTAGE
TEMPERATURE
Operating:
0 to 50°C (32 to 122°F)
Storage:
-20 to 75°C (-4 to 167°F)
HUMIDITY
Up to 95% RH
WEIGHT
62 g
PROTECTION
IP50 for faceplate
LEVEL
IP40 for housing
IP20 for terminals
SPECIFICATIONS
LED INDICATION CHART
• 3-Phase - 3 Wire Input
• Monitors, Phase Sequence, Under Voltage, Over Voltage
• Trip delay (T) -0.2 to 10 Sec
• LED Indication: Relay ON, Power ON
• Slim, Space Saving Design
• DIN Rail Mount
SUPPLY
RELAY LED
POWER LED
Nominal condition
ON
ON
Phase reversed
OFF
ON
UV / OV
OFF
ON
ORDERING INFORMATION
PART NUMBER
SUPPLY VOLTAGE
DPR175A
3Ø/3W, 170 TO 290V AC, P-P
60mm
A1
L1
L2
L3
A2
26
15
16
NC
NO
COM
18
28
R
44mm
17.5
mm
Symmetrical 35mm Din Rail (EN50022) Mounting
Cable Size (AWG): 16 ; Tightening Torque (Lb-inch): 4.5
Over trip
Monitored
Output
3~Supply
L1, L2
L2, L3
L3, L1
Under trip
Td
Td = power On Delay T = Trip Time Delay
T
T
T
T
Phases reversed
Phase Loss
Cable Size (mm2): 1.5 ; Tightening Torque (N-m): 0.5
Terminal Connections
Timing Diagram
IEC
Dimensions
IND. CONT. EQ.
496Y


Similar Part No. - DPR175A

ManufacturerPart #DatasheetDescription
logo
Apex Electronics Co., L...
DPR APEX-ELECTRONICS-DPR Datasheet
315Kb / 2P
Dual-in-Line Packaging Switch, right angle, through hole
logo
Automatic Timing & Cont...
DPR-350C ATC-DPR-350C Datasheet
297Kb / 2P
Voltage Phase Monitor
logo
CUI INC
DPR050030-P6P-SZ CUI-DPR050030-P6P-SZ Datasheet
597Kb / 13P
AC/DC Adapter
logo
Automatic Timing & Cont...
DPR350C ATC-DPR350C Datasheet
297Kb / 2P
Voltage Phase Monitor
logo
Festo Corporation.
DPRA-N-1 1/16-0.5-ME-N FESTO-DPRA-N-1 1/16-0.5-ME-N Datasheet
71Kb / 1P
Round cylinder
More results

Similar Description - DPR175A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
102A LITTELFUSE-102A Datasheet
245Kb / 2P
3-Phase Voltage/Phase Monitor
1-B-100818
111-INSIDER-P LITTELFUSE-111-INSIDER-P Datasheet
355Kb / 4P
Single-Phase Pump Monitor
Revised: 10/31/2022
201-XXX-DPDT LITTELFUSE-201-XXX-DPDT Datasheet
224Kb / 2P
3-phase voltage/phase monitor
Rev: 1-A-062716 2020 Littelfuse, Inc.
201-XXX-SP-DPDT LITTELFUSE-201-XXX-SP-DPDT Datasheet
351Kb / 2P
Single-phase voltage/phase monitor
2016 Rev: 1-A-062716
201-XXX-SP LITTELFUSE-201-XXX-SP Datasheet
278Kb / 2P
Single-phase voltage/phase monitor
2020 Rev: 1-A-062716
201A-AU LITTELFUSE-201A-AU Datasheet
290Kb / 2P
3-Phase Voltage/Phase Monitor
2020 Rev: 1-A-062716
231-INSIDER-P LITTELFUSE-231-INSIDER-P Datasheet
375Kb / 4P
Single-Phase Pump Monitor
2022 Littelfuse, Inc.
232-INSIDER LITTELFUSE-232-INSIDER Datasheet
289Kb / 2P
Single-Phase Pump Monitor
2019 Rev: 2-C-042619
50R LITTELFUSE-50R Datasheet
192Kb / 2P
Single-phase voltage monitor
2019 Rev: 2-B-050719
111P LITTELFUSE-111P Datasheet
473Kb / 3P
Single-Phase Pump Monitor
2022 Littelfuse, Inc.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com