Electronic Components Datasheet Search
  English  ▼

X  

PRA Datasheet(PDF) 1 Page - Automatic Timing & Controls, Inc.

Part # PRA
Description  Phase Sequence Monitor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATC [Automatic Timing & Controls, Inc.]
Direct Link  https://atcdiversified.com/
Logo ATC - Automatic Timing & Controls, Inc.

PRA Datasheet(HTML) 1 Page - Automatic Timing & Controls, Inc.

  PRA Datasheet HTML 1Page - Automatic Timing & Controls, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
171
Diversified Electronics
800.727.5646
atcdiversified.com
The PRA-100 Series Phase Sequence Monitors are designed to allow
the output to energize only when the phase connections are in the
proper sequence. For use in applications where motor direction is
critical or the installation is required by code to have sequence detec-
tion.
When the phase sequence is correct and the operating voltage is
present on all phases, the relay will energize and the green LED
indicator will glow. If the phases are in reverse rotation, the relay will
not energize and the red LED indicator will glow. The PRA-100 Series
will not detect phase loss while the motor is turning. The PRA Series is
UL Listed under UL File Number E55826.
STYLE "A"
STYLE "N"
STYLE "E"
DIMENSIONS (INCHES/MILLIMETERS)
WIRING
Phase Sequence Monitor
STYLE "A"
STYLE "N"
MODEL NUMBER
MODEL NUMBER
PRA
100
ENCLOSURES
LEXAN® dust cover 8-Pin plug-in.
AFA
RB-08 or OT-08 Socket
Glass filled VALOX® surface
AFN
mounted 6-1/4" male quick
connect
LEXAN® Surface Mount,
AFE
#8-32 screws
OPERATING
208-480 VAC ±15%,
VOLTAGE
phase-to-phase, 50/60
PHASE SEQUENCE ABC (Will Not Operate CBA)
TOTAL APPARENT 11 VA @ 480 VAC
POWER
OUTPUT RATING
Style A & N
SPDT, 10 Amps @ 240 VAC
Resistive, 1/2 hp @ 240 VAC
Style E
DPDT, 10 Amps @ 240 VAC
Resistive, 1/2 hp @ 240 VA
RESET
Automatic
INDICATORS
Green LED
Glows on correct sequence
Red LED
Glows on incorrect sequence
RESPONSE TIMES
200 mSEC. (approximately)
TEMPERATURE
Operate
32° to +131°F (0° to +55°C)
RATING
Storage
-49° to 185°F (-45° to +85°C)
ENCLOSURE
Style “A”
LEXAN® dust cover 8-Pin plug-in.
RB-08 or OT-08 socket required
Style “N”
Glass filled VALOX® surface
mounted 6-1/4" male quick
connect
Style “E”
LEXAN® Surface Mount,
#8-32 screws
WEIGHT
Style “A”
0.3 lbs.
Style “N”
0.35 lbs.
Style “E”
0.75 lbs
SPECIFICATIONS


Similar Part No. - PRA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PRA MACOM-PRA Datasheet
301Kb / 4P
Power Rocker Switches
logo
Comus International
PRA-100 COMUS-PRA-100_30 Datasheet
347Kb / 1P
Proximity Switch - Reed Switch based
PRA-175 COMUS-PRA-175_10 Datasheet
402Kb / 1P
Proximity Switch - Reed Switch based
PRA-240 COMUS-PRA-240_30 Datasheet
354Kb / 1P
Proximity Switch - Reed Switch based
PRA-30-25 COMUS-PRA-30-25 Datasheet
87Kb / 1P
Cylindrical Mini Proximity Switch - Normally Open
More results

Similar Description - PRA

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
480400 EXTECH-480400 Datasheet
131Kb / 6P
Phase Sequence Tester
logo
Omron Electronics LLC
K8AB-PH OMRON-K8AB-PH Datasheet
569Kb / 6P
Phase-sequence Phase-loss Relay
K8AB-PM OMRON-K8AB-PM Datasheet
946Kb / 10P
Three-phase Phase-sequence Phase-loss Relay
logo
Extech Instruments Corp...
PRT200 EXTECH-PRT200 Datasheet
208Kb / 1P
Non-Contact Phase Sequence Tester
480400 EXTECH-480400_15 Datasheet
150Kb / 1P
Phase Sequence Tester
logo
PHOENIX CONTACT
EMD-BL-PH-480 PHOENIX-EMD-BL-PH-480 Datasheet
141Kb / 6P
Phase sequence monitoring
EMD-SL-PH-400 PHOENIX-EMD-SL-PH-400 Datasheet
120Kb / 5P
Phase sequence monitoring
logo
ZIEHL industrie-elektro...
DRR10 ZIEHL-DRR10 Datasheet
271Kb / 1P
Phase sequence Relay Type DRR10 automatic change of wrong Phase sequence
PSSW1 ZIEHL-PSSW1 Datasheet
259Kb / 1P
Monitor for 3-phase Type PSSW1 Phase asymmetry, Phase sequence, over- and undervoltage
logo
Omron Electronics LLC
K8DS-PH1 OMRON-K8DS-PH1 Datasheet
1Mb / 12P
Phase-sequence Phase-loss Relay
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com